Electronic Components Datasheet Search
  English  ▼

X  

AMC7812SPAPR Datasheet(PDF) 76 Page - Texas Instruments

Click here to check the latest version.
Part # AMC7812SPAPR
Description  12-Bit Analog Monitoring and Control Solution with Multichannel ADC, DACs, and Temperature Sensors
PDF  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

AMC7812SPAPR Datasheet(HTML) 76 Page - Texas Instruments

Back Button AMC7812SPAPR Datasheet HTML 72Page - Texas Instruments AMC7812SPAPR Datasheet HTML 73Page - Texas Instruments AMC7812SPAPR Datasheet HTML 74Page - Texas Instruments AMC7812SPAPR Datasheet HTML 75Page - Texas Instruments AMC7812SPAPR Datasheet HTML 76Page - Texas Instruments AMC7812SPAPR Datasheet HTML 77Page - Texas Instruments AMC7812SPAPR Datasheet HTML 78Page - Texas Instruments AMC7812SPAPR Datasheet HTML 79Page - Texas Instruments AMC7812SPAPR Datasheet HTML 80Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 76 / 92 page
background image
AMC7812
SBAS513E – JANUARY 2011 – REVISED SEPTEMBER 2013
www.ti.com
ANALOG INPUT CHANNEL THRESHOLD REGISTERS (Read/Write, Addresses = 5Ah to 61h)
Four analog auxiliary inputs (CH0, CH1, CH2, and CH3) and three temperature sensors (LT, D1, and D2)
implement an out-of-range alarm function. Threshold-High-n and Threshold-Low-n (where n = 0, 1, 2, 3) define
the upper bound and lower bound of the nth analog input range, as shown in Table 27. This window determines
whether the nth input is out-of-range. When the input is outside the window, the corresponding CH-ALR-n bit in
the Status Register is set to '1'.
For normal operation, the value of Threshold-High-n must be greater than the value of Threshold-Low-n;
otherwise, CH-ALR-n is always set to '1' and an alarm is always indicated. Note that when the analog channel is
accessed as single-ended input, its threshold is in a straight binary format. However, when the channel is
accessed as a differential pair, its threshold is in twos complement format.
Table 27. Threshold Coding
INPUT CHANNEL
INPUT TYPE
THRESHOLD STORED IN
FORMAT
Input-0-Threshold-High-Byte
Channel 0
Single-Ended
Straight binary
Input-0-Threshold-Low-Byte
Input-1-Threshold- High-Byte
Channel 1
Single-Ended
Straight binary
Input-1-Threshold- Low-Byte
Input-2-Threshold- High-Byte
Channel 2
Single-Ended
Straight binary
Input-2-Threshold- Low-Byte
Input-3-Threshold- High-Byte
Channel 3
Single-Ended
Straight binary
Input-3-Threshold- Low-Byte
Input-0-Threshold- High-Byte
CH0+/CH1–
Differential
Twos complement
Input-0-Threshold- Low-Byte
Input-2-Threshold- High-Byte
CH2+/CH3–
Differential
Twos complement
Input-2-Threshold- Low-Byte
Input-n-High-Threshold Register (where n = 0, 1, 2, 3) (Read/Write, Default = 0FFFh)
MSB
LSB
BIT 15
BIT 14
BIT 13
BIT 12
BIT 11
BIT 10
BIT 9
BIT 8
BIT 7
BIT 6
BIT 5
BIT 4
BIT 3
BIT 2
BIT 1
BIT 0
THRH
THRH
THRH
THRH
THRH
THRH
THRH
THRH
THRH
THRH
THRH
THRH
0
0
0
0
11
10
9
8
7
6
5
4
3
2
1
0
Bits[15:12]
Reserved. These bits are '0' when read back. Writing to these bits has no effect.
Bits[11:0]
THRHn: Data bits of the upper-bound threshold of the nth analog input.
Input-n-Low-Threshold Register (where n = 0, 1, 2, 3) (Read/Write, Default = 0000h)
MSB
LSB
BIT 15
BIT 14
BIT 13
BIT 12
BIT 11
BIT 10
BIT 9
BIT 8
BIT 7
BIT 6
BIT 5
BIT 4
BIT 3
BIT 2
BIT 1
BIT 0
THRL
THRL
THRL
THRL
THRL
THRL
THRL
THRL
THRL
THRL
THRL
THRL
0
0
0
0
11
10
9
8
7
6
5
4
3
2
1
0
Bits[15:12]
Reserved. These bits are '0' when read back. Writing to these bits has no effect.
Bits[11:0]
THRLn: Data bits of the lower-bound threshold of the nth analog input.
76
Submit Documentation Feedback
Copyright © 2011–2013, Texas Instruments Incorporated
Product Folder Links: AMC7812



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com