Electronic Components Datasheet Search
  English  ▼

X  

AMC7812SPAPR Datasheet(PDF) 57 Page - Texas Instruments

Click here to check the latest version.
Part # AMC7812SPAPR
Description  12-Bit Analog Monitoring and Control Solution with Multichannel ADC, DACs, and Temperature Sensors
PDF  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

AMC7812SPAPR Datasheet(HTML) 57 Page - Texas Instruments

Back Button AMC7812SPAPR Datasheet HTML 53Page - Texas Instruments AMC7812SPAPR Datasheet HTML 54Page - Texas Instruments AMC7812SPAPR Datasheet HTML 55Page - Texas Instruments AMC7812SPAPR Datasheet HTML 56Page - Texas Instruments AMC7812SPAPR Datasheet HTML 57Page - Texas Instruments AMC7812SPAPR Datasheet HTML 58Page - Texas Instruments AMC7812SPAPR Datasheet HTML 59Page - Texas Instruments AMC7812SPAPR Datasheet HTML 60Page - Texas Instruments AMC7812SPAPR Datasheet HTML 61Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 57 / 92 page
background image
SDI
SDO
CS
R0
R1
R2
R3
XX
D0
D1
D2
D3
AnyCommand
R
XX=Don’tcare,undefined
n
N
n
N
=ReadCommandforRegister
D =DatafromRegister
SDI
SDO
W0
W1
W2
W3
XX
CS
XX
XX
XX
W =WriteCommandforRegister
XX=Don’tcare,undefined
n
N
AMC7812
www.ti.com
SBAS513E – JANUARY 2011 – REVISED SEPTEMBER 2013
Standalone Operation
In standalone mode, as shown in Figure 105, each AMC7812 has its own SPI bus. The serial clock can be
continuous or gated. The first falling edge of CS starts the operation cycle. Exactly 24 falling clock edges must be
applied before CS is brought high again. If CS is brought high before the 24th falling SCLK edge, or if more than
24 falling SCLK edges are applied before CS is brought high, then the input data are incorrect. The device input
register is updated from the Shift Register on the rising edge of CS, and data are automatically transferred to the
addressed registers as well. In order for another serial transfer to occur, CS must be brought low again.
Figure 106 and Figure 107 show write, and read operations in standalone mode.
Figure 105. Standalone Operation
Figure 106. Write Operation in Standalone Mode
Figure 107. Read Operation in Standalone Mode
Copyright © 2011–2013, Texas Instruments Incorporated
Submit Documentation Feedback
57
Product Folder Links: AMC7812



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com