Electronic Components Datasheet Search
  English  ▼

X  

AM3703CUS Datasheet(PDF) 251 Page - Texas Instruments

Click here to check the latest version.
Part # AM3703CUS
Description  Sitara ARM Microprocessors
PDF  280 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

AM3703CUS Datasheet(HTML) 251 Page - Texas Instruments

Back Button AM3703CUS Datasheet HTML 247Page - Texas Instruments AM3703CUS Datasheet HTML 248Page - Texas Instruments AM3703CUS Datasheet HTML 249Page - Texas Instruments AM3703CUS Datasheet HTML 250Page - Texas Instruments AM3703CUS Datasheet HTML 251Page - Texas Instruments AM3703CUS Datasheet HTML 252Page - Texas Instruments AM3703CUS Datasheet HTML 253Page - Texas Instruments AM3703CUS Datasheet HTML 254Page - Texas Instruments AM3703CUS Datasheet HTML 255Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 251 / 280 page
background image
AM3715, AM3703
www.ti.com
SPRS616F
– JUNE 2010 – REVISED AUGUST 2011
Table 6-116. MMC1 Interface Timing Requirements
—Standard SD Mode(1) (2) (4) (continued)
NO.
PARAMETER
OPP100
OPP50
UNIT
MIN
MAX
MIN
MAX
SD4
th(CLKIH-CMDIV)
Hold time, mmc1_cmd valid after mmc1_clk rising
18.1
36.7
ns
clock edge
SD7
tsu(DATxV-CLKIH)
Setup time, mmc1_dat[n:0](3) valid before mmc1_clk
3.3
21.9
ns
rising clock edge
SD8
th(CLKIH-DATxIV)
Hold time, mmc1_dat[n:0](3) valid after mmc1_clk
18.1
36.7
ns
rising clock edge
(1) Timing parameters are referred to output clock specified in Table 6-117.
(2) The timing requirements are assured for the cycle jitter and duty cycle error conditions specified in Table 6-117.
(3) In mmc1_dat[n:0], n is equal to 3.
(4) See Section 4.3.4, Processor Clocks.
Table 6-117. MMC1 Interface Switching Characteristics
—Standard SD Mode(7)
NO.
PARAMETER
OPP100
OPP50
UNIT
MIN
MAX
MIN
MAX
Standard SD Mode
SD1
tc(clk)
Frequency(1), output clock period
24
12
MHz
SD2
tW(clkH)
Typical pulse duration, output clock high
X(4)*PO(2)
X(4)*PO(2)
ns
SD2
tW(clkL)
Typical pulse duration, output clock low
Y(5)*PO(2)
Y(5)*PO(2)
ns
tdc(clk)
Duty cycle error, output clock
2083.33
4166.67
ps
tJ(clk)
Jitter standard deviation(3), output clock
200
200
ps
MMC1 Interface (1.8-V)
tR(clk)
Rise time, output clock
10
10
ns
tF(clk)
Fall time, output clock
10
10
ns
tR(data)
Rise time, output data
10
10
ns
tF(data)
Fall time, output data
10
10
ns
SD5
td(CLKOH-CMD)
Delay time, mmc1_clk rising clock edge to mmc1_cmd
6.13
35.53
6.3
77.03
ns
transition
SD6
td(CLKOH-DATx)
Delay time, mmc1_clk rising clock edge to
6.13
35.53
6.3
77.03
ns
mmc1_dat[n:0](6) transition
MMC1 Interface (3.0-V)
tR(clk)
Rise time, output clock
10
10
ns
tF(clk)
Fall time, output clock
10
10
ns
tR(data)
Rise time, output data
10
10
ns
tF(data)
Fall time, output data
10
10
ns
SD5
td(CLKOH-CMD)
Delay time, mmc1_clk rising clock edge to mmc1_cmd
6.13
35.53
6.3
77.03
ns
transition
SD6
td(CLKOH-DATx)
Delay time, mmc1_clk rising clock edge to
6.13
35.53
6.3
77.03
ns
mmc1_dat[n:0](6) transition
(1) Related with the output clock maximum and minimum frequencies programmable in MMC module.
(2) PO = output clock period in ns
(3) The jitter probability density can be approximated by a Gaussian function.
(4) The X parameter is defined as follows:
CLKD
X
1 or Even
0.5
Odd
(trunk[CLKD/2]+1)/CLKD
Copyright
© 2010–2011, Texas Instruments Incorporated
Timing Requirements and Switching Characteristics
251
Submit Documentation Feedback
Product Folder Link(s): AM3715 AM3703



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com