Electronic Components Datasheet Search
  English  ▼

X  

TX6QLVDS Datasheet(PDF) 3 Page - List of Unclassifed Manufacturers

Part # TX6QLVDS
Description  Two High Speed USB 2.0 ports, Full HD LCD controller, 24bpp
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

TX6QLVDS Datasheet(HTML) 3 Page - List of Unclassifed Manufacturers

  TX6QLVDS Datasheet HTML 1Page - List of Unclassifed Manufacturers TX6QLVDS Datasheet HTML 2Page - List of Unclassifed Manufacturers TX6QLVDS Datasheet HTML 3Page - List of Unclassifed Manufacturers TX6QLVDS Datasheet HTML 4Page - List of Unclassifed Manufacturers TX6QLVDS Datasheet HTML 5Page - List of Unclassifed Manufacturers TX6QLVDS Datasheet HTML 6Page - List of Unclassifed Manufacturers TX6QLVDS Datasheet HTML 7Page - List of Unclassifed Manufacturers TX6QLVDS Datasheet HTML 8Page - List of Unclassifed Manufacturers TX6QLVDS Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 20 page
background image
TX6Q
STARTER-KIT V
The Starter-Kit V is a ready-to-use development
system for building applications based on the TX
embedded processor boards.
•
DIMM200 TX socket
•
Two SD-card sockets
•
USB 2.0 OTG and USB 2.0 Host connector
•
D-SUB 15 VGA connector
•
40pin LCD flat cable header
•
3.5mm headphone connector
•
JTAG interface
•
SGTL5000 audio codec
•
TSC2007 touchscreen controller
•
RS232 on 10pin flat cable and SUB-D
header
•
All pins of the TX socket are connected to
daughter board slot for easy application
design-in
•
10/100 Mbit/s Ethernet
•
5VDC Power Supply by USB-OTG or power
jack.
•
100mm x 160mm
•
Schematics of the base board are included
for reference.
DISPLAY OPTIONS
The optional display comes with an FFC cable and
a small adapter PCB which can be plugged directly
onto the Starter-Kit 40pin LCD header.
TX00-DV01: 5,7“ VGA Resistive Touch
•
5,7 inch TFT display
•
640 x 480 dots
•
White LED backlight
•
Resistive Touchsceen
TX00-DV04: 5,7“ VGA PolyTouch™
•
5,7 inch TFT display
•
640 x 480 dots
•
White LED backlight
•
Capacitive Touchsceen
Ka-Ro electronics GmbH - Pascalstr. 22, D-52076 Aachen, Germany - Tel.: +49 2408 1402-0 (FAX -10)
www.karo-electronics.de



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com