Electronic Components Datasheet Search
  English  ▼

X  

TX6QLVDS Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # TX6QLVDS
Description  Two High Speed USB 2.0 ports, Full HD LCD controller, 24bpp
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

TX6QLVDS Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  TX6QLVDS Datasheet HTML 1Page - List of Unclassifed Manufacturers TX6QLVDS Datasheet HTML 2Page - List of Unclassifed Manufacturers TX6QLVDS Datasheet HTML 3Page - List of Unclassifed Manufacturers TX6QLVDS Datasheet HTML 4Page - List of Unclassifed Manufacturers TX6QLVDS Datasheet HTML 5Page - List of Unclassifed Manufacturers TX6QLVDS Datasheet HTML 6Page - List of Unclassifed Manufacturers TX6QLVDS Datasheet HTML 7Page - List of Unclassifed Manufacturers TX6QLVDS Datasheet HTML 8Page - List of Unclassifed Manufacturers TX6QLVDS Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 20 page
background image
TX6Q
Computer On Module
•
Processor
Freescale i.MX 6Quad, 1GHz
•
RAM
1GB DDR3 SDRAM 64-bit
•
ROM
128MB NAND Flash
•
Power supply
Single 3.1V to 5.5V
•
Size
31mm SO-DIMM
•
Temperature Grade Extended Consumer
(-20°C to 105°C Tj)
Key Features
•
10/100Mbps Ethernet
•
Two High Speed USB 2.0 ports
•
Full HD LCD controller, 24bpp
•
OpenGL ES 2.0 and OpenVG 1.1
hardware accelerators
•
Multi-format HD 1080p60 video decoder and
1080p30 encoder hardware engine
•
Two Camera Interfaces
•
NEON MPE coprocessor
— SIMD Media Processing Architecture
— dual, single-precision floating point execute pipeline
•
Unified 1MB L2 cache
•
Several interfaces:
3x UART, 2x SDIO, 2x SSI/AC97/I2S,
I2C, CSPI, Keypad, Ext. Memory I/F
•
3.3V I/O
•
IEEE1588 support
•
2x Controller Area Network (FlexCAN)
•
PCIe 2.0 (1-lane)
LVDS Option only:
•
Dual LVDS display port
•
SATA
OS Support
•
Windows Embedded Compact 7
•
Linux
•
Android by kernel concepts
www.kernelconcepts.de
•
QNX by SITRE
www.sitre.fr
Development System
•
Starter-Kit V
Ka-Ro electronics GmbH - Pascalstr. 22, D-52076 Aachen, Germany - Tel.: +49 2408 1402-0 (FAX -10)
www.karo-electronics.de
Qua
d
Qua
d
Cort
ex A
9
Cort
ex A
9


Similar Part No. - TX6QLVDS

ManufacturerPart #DatasheetDescription
logo
Altech corporation
TX6 ALTECH-TX6 Datasheet
586Kb / 1P
FEED THROUGH TERMINAL BLOCKS
logo
QUARTZCOM the communica...
TX6-104H QUARTZCOM-TX6-104H Datasheet
97Kb / 1P
Through hole TCXO HCMOS High reliable hermetic sealed package
TX6-464H-ST3 QUARTZCOM-TX6-464H-ST3 Datasheet
92Kb / 1P
High precision analogue compensated STRATUM III through hole TCXO
logo
Ferroxcube Internationa...
TX6.4-2.8-2.8 FERROXCUBE-TX6.4-2.8-2.8 Datasheet
44Kb / 3P
Alloy powder toroids
TX6.4/2.8-H2-A10 FERROXCUBE-TX6.4/2.8-H2-A10 Datasheet
44Kb / 3P
Alloy powder toroids
More results

Similar Description - TX6QLVDS

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX4906 MAXIM-MAX4906 Datasheet
221Kb / 14P
High-/Full-Speed USB 2.0 Switches
Rev 2; 1/07
logo
Intersil Corporation
ISL54200 INTERSIL-ISL54200_07 Datasheet
1Mb / 16P
USB 2.0 High/Full Speed Multiplexer
July 11, 2007
ISL54200 INTERSIL-ISL54200 Datasheet
1Mb / 18P
USB 2.0 High/Full Speed Multiplexer
logo
List of Unclassifed Man...
TX25 ETC2-TX25 Datasheet
640Kb / 10P
High-Speed USB 2.0 OTG, Full-Speed USB 2.0 Host
TX28 ETC2-TX28 Datasheet
948Kb / 9P
Two 10/100Mbps Ethernet ports with IEEE1588 support, Two High-Speed USB 2.0 ports
TX48 ETC2-TX48 Datasheet
603Kb / 14P
Two High-Speed USB 2.0 ports, True colour LCD controller
TX53 ETC2-TX53 Datasheet
1Mb / 14P
Two High Speed USB 2.0 ports, Two Camera Interfaces
logo
C-Media Electronics
CM6535 CMEDIA-CM6535 Datasheet
1Mb / 57P
USB 2.0 full-speed compliant
logo
Renesas Technology Corp
ISL54200 RENESAS-ISL54200 Datasheet
1Mb / 18P
USB 2.0 High/Full Speed Multiplexer
logo
List of Unclassifed Man...
TE7022SL ETC2-TE7022SL Datasheet
313Kb / 5P
USB 2.0 Full-Speed Hi-Q USB Audio Streaming Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com