Electronic Components Datasheet Search
  English  ▼

X  

LM5107SDX Datasheet(PDF) 4 Page - Texas Instruments

Part # LM5107SDX
Description  LM5107 100V / 1.4A Peak Half Bridge Gate Driver
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LM5107SDX Datasheet(HTML) 4 Page - Texas Instruments

  LM5107SDX Datasheet HTML 1Page - Texas Instruments LM5107SDX Datasheet HTML 2Page - Texas Instruments LM5107SDX Datasheet HTML 3Page - Texas Instruments LM5107SDX Datasheet HTML 4Page - Texas Instruments LM5107SDX Datasheet HTML 5Page - Texas Instruments LM5107SDX Datasheet HTML 6Page - Texas Instruments LM5107SDX Datasheet HTML 7Page - Texas Instruments LM5107SDX Datasheet HTML 8Page - Texas Instruments LM5107SDX Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 18 page
background image
LM5107
SNVS333D – NOVEMBER 2004 – REVISED MARCH 2013
www.ti.com
Electrical Characteristics
Specifications in standard typeface are for TJ = +25°C, and those in boldface type apply over the full operating junction
temperature range. Unless otherwise specified, VDD = VHB = 12V, VSS = VHS = 0V, No Load on LO or HO.
Symbol
Parameter
Conditions
Min(1)
Typ
Max(1)
Units
SUPPLY CURRENTS
IDD
VDD Quiescent Current
LI = HI = 0V
0.3
0.6
mA
IDDO
VDD Operating Current
f = 500 kHz
2.1
3.4
mA
IHB
Total HB Quiescent Current
LI = HI = 0V
0.06
0.2
mA
IHBO
Total HB Operating Current
f = 500 kHz
1.6
3.0
mA
IHBS
HB to VSS Current, Quiescent
VHS = VHB = 100V
0.1
10
µA
IHBSO
HB to VSS Current, Operating
f = 500 kHz
0.5
mA
INPUT PINS LI and HI
VIL
Low Level Input Voltage Threshold
0.8
1.8
V
VIH
High Level Input Voltage Threshold
1.8
2.2
V
RI
Input Pulldown Resistance
100
180
500
k
Ω
UNDER VOLTAGE PROTECTION
VDDR
VDD Rising Threshold
VDDR = VDD - VSS
6.0
6.9
7.4
V
VDDH
VDD Threshold Hysteresis
0.5
V
VHBR
HB Rising Threshold
VHBR = VHB - VHS
5.7
6.6
7.1
V
VHBH
HB Threshold Hysteresis
0.4
V
BOOT STRAP DIODE
VDL
IVDD-HB = 100 µA
Low-Current Forward Voltage
0.58
0.9
V
VDL = VDD - VHB
VDH
IVDD-HB = 100 mA
High-Current Forward Voltage
0.82
1.1
V
VDH = VDD - VHB
RD
Dynamic Resistance
IVDD-HB = 100 mA
0.8
1.5
Ω
LO GATE DRIVER
VOLL
ILO = 100 mA
Low-Level Output Voltage
0.28
0.45
V
VOHL = VLO – VSS
VOHL
ILO = −100 mA,
High-Level Output Voltage
0.45
0.75
V
VOHL = VDD– VLO
IOHL
Peak Pullup Current
VLO = 0V
1.3
A
IOLL
Peak Pulldown Current
VLO = 12V
1.4
A
HO GATE DRIVER
VOLH
IHO = 100 mA
Low-Level Output Voltage
0.28
0.45
V
VOLH = VHO– VHS
VOHH
IHO = −100 mA
High-Level Output Voltage
0.45
0.75
V
VOHH = VHB– VHO
IOHH
Peak Pullup Current
VHO = 0V
1.3
A
IOLH
Peak Pulldown Current
VHO = 12V
1.4
A
THERMAL RESISTANCE
θJA
(2)
SOIC
160
Junction to Ambient
°C/W
WSON(3)
40
(1)
Min and Max limits are 100% production tested at 25°C. Limits over the operating temperature range are specified through correlation
using Statistical Quality Control (SQC) methods. Limits are used to calculate Average Outgoing Quality Level (AOQL).
(2)
The
θJA is not a constant for the package and depends on the printed circuit board design and the operating conditions.
(3)
4 layer board with Cu finished thickness 1.5/1/1/1.5 oz. Maximum die size used. 5x body length of Cu trace on PCB top. 50 x 50mm
ground and power planes embedded in PCB. See Application Note AN-1187.
4
Submit Documentation Feedback
Copyright © 2004–2013, Texas Instruments Incorporated
Product Folder Links: LM5107



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com