Electronic Components Datasheet Search
  English  ▼

X  

LM5107SDX Datasheet(PDF) 5 Page - Texas Instruments

Part # LM5107SDX
Description  LM5107 100V / 1.4A Peak Half Bridge Gate Driver
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LM5107SDX Datasheet(HTML) 5 Page - Texas Instruments

  LM5107SDX Datasheet HTML 1Page - Texas Instruments LM5107SDX Datasheet HTML 2Page - Texas Instruments LM5107SDX Datasheet HTML 3Page - Texas Instruments LM5107SDX Datasheet HTML 4Page - Texas Instruments LM5107SDX Datasheet HTML 5Page - Texas Instruments LM5107SDX Datasheet HTML 6Page - Texas Instruments LM5107SDX Datasheet HTML 7Page - Texas Instruments LM5107SDX Datasheet HTML 8Page - Texas Instruments LM5107SDX Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 18 page
background image
LM5107
www.ti.com
SNVS333D – NOVEMBER 2004 – REVISED MARCH 2013
Switching Characteristics
Specifications in standard typeface are for TJ = +25°C, and those in boldface type apply over the full operating junction
temperature range. Unless otherwise specified, VDD = VHB = 12V, VSS = VHS = 0V, No Load on LO or HO.
Symbol
Parameter
Conditions
Min(1)
Typ
Max(1)
Units
LM5100A
tLPHL
Lower Turn-Off Propagation Delay
27
56
ns
(LI Falling to LO Falling)
tHPHL
Upper Turn-Off Propagation Delay
27
56
ns
(HI Falling to HO Falling)
tLPLH
Lower Turn-On Propagation Delay
29
56
ns
(LI Rising to LO Rising)
tHPLH
Upper Turn-On Propagation Delay
29
56
ns
(HI Rising to HO Rising)
tMON
Delay Matching: Lower Turn-On and Upper
2
15
ns
Turn-Off
tMOFF
Delay Matching: Lower Turn-Off and Upper
2
15
ns
Turn-On
tRC, tFC
Either Output Rise/Fall Time
CL = 1000 pF
15
-
ns
tPW
Minimum Input Pulse Width that Changes
50
ns
the Output
tBS
Bootstrap Diode Turn-Off Time
IF = 100 mA, IR = 100 mA
105
ns
(1)
Min and Max limits are 100% production tested at 25°C. Limits over the operating temperature range are specified through correlation
using Statistical Quality Control (SQC) methods. Limits are used to calculate Average Outgoing Quality Level (AOQL).
Copyright © 2004–2013, Texas Instruments Incorporated
Submit Documentation Feedback
5
Product Folder Links: LM5107



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com