Electronic Components Datasheet Search
  English  ▼

X  

LM5107SDX Datasheet(PDF) 7 Page - Texas Instruments

Part # LM5107SDX
Description  LM5107 100V / 1.4A Peak Half Bridge Gate Driver
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LM5107SDX Datasheet(HTML) 7 Page - Texas Instruments

Back Button LM5107SDX Datasheet HTML 3Page - Texas Instruments LM5107SDX Datasheet HTML 4Page - Texas Instruments LM5107SDX Datasheet HTML 5Page - Texas Instruments LM5107SDX Datasheet HTML 6Page - Texas Instruments LM5107SDX Datasheet HTML 7Page - Texas Instruments LM5107SDX Datasheet HTML 8Page - Texas Instruments LM5107SDX Datasheet HTML 9Page - Texas Instruments LM5107SDX Datasheet HTML 10Page - Texas Instruments LM5107SDX Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 18 page
background image
TEMPERATURE (
oC)
-40 -25 -10 5
80 95 110 125
20 35 50 65
6.3
6.4
6.5
6.6
6.7
6.8
6.9
7.0
VDDR
VHBR
VDDR = VDD - VSS
VHBR = VHB - VHS
0.30
0.32
0.34
0.36
0.38
0.40
0.42
0.44
0.46
0.48
0.50
TEMPERATURE (
oC)
-40 -25 -10 5
80 95 110 125
20 35 50 65
VDDH
VHBH
1.00E-06
1.00E-05
1.00E-04
1.00E-03
1.00E-02
1.00E-01
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
FORWARD VOLTAGE
25°C
-40°C
150°C
0
2
4
6
8
10
12
VLO, VHO (V)
0
0.2
0.4
0.6
0.8
1
1.2
1.4
1.6
VDD = VHB = 12V
VSS = VHS = 0V
Pull-up Current
Pull-down Current
TEMPERATURE (
oC)
-40 -25 -10 5
80 95 110 125
20 35 50 65
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
VDD = VHB =16V
VDD = VHB = 12V
VDD = VHB = 8V
Output Current : -100 mA
VSS = VHS = 0V
0.1
0.2
0.3
0.4
0.5
TEMPERATURE (
oC)
-40 -25 -10 5
80 95 110 125
20 35 50 65
VDD = VHB = 12V
VDD = VHB = 8V
Output Current : -100 mA
VSS = VHS = 0V
VDD = VHB =16V
LM5107
www.ti.com
SNVS333D – NOVEMBER 2004 – REVISED MARCH 2013
Typical Performance Characteristics (continued)
LO and HO High Level Output Voltage vs Temperature
LO and HO Low Level Output Voltage vs Temperature
Figure 9.
Figure 10.
HO and LO Peak Output Current vs Output Voltage
Doide Forward Voltage
Figure 11.
Figure 12.
Undervoltage Rising Thresholds vs Temperature
Undervoltage Hysteresis vs Temperature
Figure 13.
Figure 14.
Copyright © 2004–2013, Texas Instruments Incorporated
Submit Documentation Feedback
7
Product Folder Links: LM5107



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com