Electronic Components Datasheet Search
  English  ▼

X  

OPA364ID Datasheet(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
Part # OPA364ID
Description  1.8V, 7MHz, 90dB CMRR, Single-Supply, Rail-to-Rail I/O Operational Amplifier
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

OPA364ID Datasheet(HTML) 4 Page - Texas Instruments

  OPA364ID Datasheet HTML 1Page - Texas Instruments OPA364ID Datasheet HTML 2Page - Texas Instruments OPA364ID Datasheet HTML 3Page - Texas Instruments OPA364ID Datasheet HTML 4Page - Texas Instruments OPA364ID Datasheet HTML 5Page - Texas Instruments OPA364ID Datasheet HTML 6Page - Texas Instruments OPA364ID Datasheet HTML 7Page - Texas Instruments OPA364ID Datasheet HTML 8Page - Texas Instruments OPA364ID Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 38 page
background image
1
2
3
4
5
10
9
8
7
6
+V
V
B
OUT
-
In B
+In B
Enable B
V
A
OUT
-
In A
+In A
-
V
Enable A
B
A
1
2
3
4
5
6
7
14
13
12
11
10
9
8
V
D
OUT
-
In D
+In D
V
-
+In C
-
In C
V
C
OUT
V
A
OUT
-
In A
+In A
V+
+In B
-
In B
V
B
OUT
B
C
D
A
1
2
3
4
8
7
6
5
NC
V+
V
OUT
NC
NC
-
In
+In
V
-
1
2
3
4
8
7
6
5
Enable
V+
V
OUT
NC
NC
-
In
+In
V
-
1
2
3
4
8
7
6
5
V+
Out B
-
In B
+In B
Out A
-
In A
+In A
V
-
1
2
3
5
4
V+
-
In
V
OUT
V
-
+In
NC
NC
NC
NC
NC
Enable B
Enable A
NC
1
2
3
4
12
11
10
9
16
15
14
13
5
6
7
8
1
2
3
6
5
4
V+
Enable
-
In
VOUT
V
-
+In
OPA363, OPA2363
OPA364, OPA2364, OPA4364
SBOS259C – SEPTEMBER 2002 – REVISED MAY 2013
www.ti.com
PIN CONFIGURATION
OPA363(1): DBV PACKAGE
OPA2363: RSV PACKAGE
SOT23-6
UQFN-16
(TOP VIEW)
(TOP VIEW)
OPA364(1): DBV PACKAGE
SOT23-5
(TOP VIEW)
OPA2364: DGK, D PACKAGES
MSOP-8, SO-8
OPA363: D PACKAGE
(TOP VIEW)
SO-8
(TOP VIEW)
OPA4364: D, PW PACKAGES
SO-14, TSSOP-14
OPA364: D PACKAGE
(TOP VIEW)
SO-8
(TOP VIEW)
OPA2363: DGS PACKAGE
MSOP-10
(TOP VIEW)
(1)
Orient according to marking.
NOTE: NC = No internal connection.
4
Submit Documentation Feedback
Copyright © 2002–2013, Texas Instruments Incorporated
Product Folder Links: OPA363 OPA2363 OPA364 OPA2364 OPA4364



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com