Electronic Components Datasheet Search
  English  ▼

X  

OPA364ID Datasheet(PDF) 13 Page - Texas Instruments

Click here to check the latest version.
Part # OPA364ID
Description  1.8V, 7MHz, 90dB CMRR, Single-Supply, Rail-to-Rail I/O Operational Amplifier
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

OPA364ID Datasheet(HTML) 13 Page - Texas Instruments

Back Button OPA364ID Datasheet HTML 9Page - Texas Instruments OPA364ID Datasheet HTML 10Page - Texas Instruments OPA364ID Datasheet HTML 11Page - Texas Instruments OPA364ID Datasheet HTML 12Page - Texas Instruments OPA364ID Datasheet HTML 13Page - Texas Instruments OPA364ID Datasheet HTML 14Page - Texas Instruments OPA364ID Datasheet HTML 15Page - Texas Instruments OPA364ID Datasheet HTML 16Page - Texas Instruments OPA364ID Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 38 page
background image
3.3V
49kW
V
OUT
OPAx363
OPAx364
Clean 3.3V Supply
1 F
m
4kW
6kW
Electret
Microphone
5kW
V+
V-
20kW
1/2
OPA2363
One of Right or Left Channel
One of Right or Left
Headphone Out
10kW
20kW
V+
V-
Internally
Biased
20kW
1/2
TPS6100
20kW
10kW
1 F
m
47pF
V-
OPA363, OPA2363
OPA364, OPA2364, OPA4364
www.ti.com
SBOS259C – SEPTEMBER 2002 – REVISED MAY 2013
AUDIO APPLICATIONS
The OPA363 and OPA364 op amp family has linear offset voltage over the entire input common-mode range.
Combined with low-noise, this feature makes the OPA363 and OPA364 suitable for audio applications. Single
supply 1.8V operation allows the OPA2363 and OPA2364 to be optimal candidates for dual stereo-headphone
drivers and microphone pre-amplifiers in portable stereo equipment, see Figure 29 and Figure 30.
Figure 29. OPA2363 Configured as Half of a Dual Stereo Headphone Driver
Figure 30. Microphone Preamplifier
Copyright © 2002–2013, Texas Instruments Incorporated
Submit Documentation Feedback
13
Product Folder Links: OPA363 OPA2363 OPA364 OPA2364 OPA4364



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com