Electronic Components Datasheet Search
  English  ▼

X  

OPA364ID Datasheet(PDF) 8 Page - Texas Instruments

Click here to check the latest version.
Part # OPA364ID
Description  1.8V, 7MHz, 90dB CMRR, Single-Supply, Rail-to-Rail I/O Operational Amplifier
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

OPA364ID Datasheet(HTML) 8 Page - Texas Instruments

Back Button OPA364ID Datasheet HTML 4Page - Texas Instruments OPA364ID Datasheet HTML 5Page - Texas Instruments OPA364ID Datasheet HTML 6Page - Texas Instruments OPA364ID Datasheet HTML 7Page - Texas Instruments OPA364ID Datasheet HTML 8Page - Texas Instruments OPA364ID Datasheet HTML 9Page - Texas Instruments OPA364ID Datasheet HTML 10Page - Texas Instruments OPA364ID Datasheet HTML 11Page - Texas Instruments OPA364ID Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 38 page
background image
Common-Mode Voltage (V)
-0.2
0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
1.8
2.0
1.0
0.5
0
-0.5
-1.0
-1.5
-2.0
-2.5
-3.0
-3.5
Competitors
OPA363 and OPA364
1 s/div
m
250ns/div
OPA363, OPA2363
OPA364, OPA2364, OPA4364
SBOS259C – SEPTEMBER 2002 – REVISED MAY 2013
www.ti.com
TYPICAL CHARACTERISTICS (continued)
At TA = +25°C, RL = 10kΩ connected to VS/2, VOUT = VS/2, and VCM = VS/2, unless otherwise noted.
SMALL-SIGNAL STEP RESPONSE
LARGE-SIGNAL STEP RESPONSE
(CL = 100pF)
(CL = 100pF)
Figure 19.
Figure 20.
APPLICATION INFORMATION
The OPA363 and OPA364 series op amps are rail-to-rail operational amplifiers with excellent CMRR, low noise,
low offset, and wide bandwidth on supply voltages as low as ±0.9V. The OPA363 features an additional pin for
shutdown/ enable function. These families do not exhibit phase reversal and are unity-gain stable. Specified over
the industrial temperature range of –40°C to +125°C, the OPA363 and OPA364 families offer precision
performance for a wide range of applications.
RAIL-TO-RAIL INPUT
The OPA363 and OPA364 feature excellent rail-to-rail operation, with supply voltages as low as ±0.9V. The input
common-mode voltage range of the OPA363 and OPA364 family extends 100mV beyond supply rails. The
unique input topology of the OPA363 and OPA364 eliminates the input offset transition region typical of most rail-
to-rail complimentary stage operational amplifiers, allowing the OPA363 and OPA364 to provide superior
common-mode performance over the entire common-mode input range, as seen in Figure 21. This feature
prevents degradation of the differential linearity error and THD when driving A/D converters. A simplified
schematic of the OPA363 and OPA364 is shown in Figure 22.
Figure 21. OPA363 and OPA364 have Linear Offset Over Entire Common-Mode Range
8
Submit Documentation Feedback
Copyright © 2002–2013, Texas Instruments Incorporated
Product Folder Links: OPA363 OPA2363 OPA364 OPA2364 OPA4364



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com