Electronic Components Datasheet Search
  English  ▼

X  

LM2596 Datasheet(PDF) 34 Page - Texas Instruments

Click here to check the latest version.
Part # LM2596
Description  LM2596 SIMPLE SWITCHER짰 Power Converter 150 kHz 3A Step-Down Voltage Regulator
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM2596 Datasheet(HTML) 34 Page - Texas Instruments

Back Button LM2596 Datasheet HTML 30Page - Texas Instruments LM2596 Datasheet HTML 31Page - Texas Instruments LM2596 Datasheet HTML 32Page - Texas Instruments LM2596 Datasheet HTML 33Page - Texas Instruments LM2596 Datasheet HTML 34Page - Texas Instruments LM2596 Datasheet HTML 35Page - Texas Instruments LM2596 Datasheet HTML 36Page - Texas Instruments LM2596 Datasheet HTML 37Page - Texas Instruments LM2596 Datasheet HTML 38Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 42 page
background image
PACKAGE OPTION ADDENDUM
www.ti.com
1-Nov-2013
Addendum-Page 2
Orderable Device
Status
(1)
Package Type Package
Drawing
Pins Package
Qty
Eco Plan
(2)
Lead/Ball Finish
(6)
MSL Peak Temp
(3)
Op Temp (°C)
Device Marking
(4/5)
Samples
LM2596T-3.3/NOPB
ACTIVE
TO-220
NDH
5
45
Green (RoHS
& no Sb/Br)
CU SN
Level-1-NA-UNLIM
LM2596T
-3.3 P+
LM2596T-5.0
NRND
TO-220
NDH
5
45
TBD
Call TI
Call TI
LM2596T
-5.0 P+
LM2596T-5.0/LF03
ACTIVE
TO-220
NDH
5
45
Green (RoHS
& no Sb/Br)
CU SN
Level-1-NA-UNLIM
LM2596T
-5.0 P+
LM2596T-5.0/NOPB
ACTIVE
TO-220
NDH
5
45
Green (RoHS
& no Sb/Br)
CU SN
Level-1-NA-UNLIM
LM2596T
-5.0 P+
LM2596T-ADJ
NRND
TO-220
NDH
5
45
TBD
Call TI
Call TI
-40 to 125
LM2596T
-ADJ P+
LM2596T-ADJ/LB05
NRND
TO-220
NEB
5
45
TBD
Call TI
Call TI
LM2596T
-ADJ P+
LM2596T-ADJ/LF02
ACTIVE
TO-220
NEB
5
45
Green (RoHS
& no Sb/Br)
CU SN
Level-1-NA-UNLIM
LM2596T
-ADJ P+
LM2596T-ADJ/NOPB
ACTIVE
TO-220
NDH
5
45
Green (RoHS
& no Sb/Br)
CU SN
Level-1-NA-UNLIM
-40 to 125
LM2596T
-ADJ P+
(1) The marketing status values are defined as follows:
ACTIVE: Product device recommended for new designs.
LIFEBUY: TI has announced that the device will be discontinued, and a lifetime-buy period is in effect.
NRND: Not recommended for new designs. Device is in production to support existing customers, but TI does not recommend using this part in a new design.
PREVIEW: Device has been announced but is not in production. Samples may or may not be available.
OBSOLETE: TI has discontinued the production of the device.
(2) Eco Plan - The planned eco-friendly classification: Pb-Free (RoHS), Pb-Free (RoHS Exempt), or Green (RoHS & no Sb/Br) - please check http://www.ti.com/productcontent for the latest availability
information and additional product content details.
TBD: The Pb-Free/Green conversion plan has not been defined.
Pb-Free (RoHS): TI's terms "Lead-Free" or "Pb-Free" mean semiconductor products that are compatible with the current RoHS requirements for all 6 substances, including the requirement that
lead not exceed 0.1% by weight in homogeneous materials. Where designed to be soldered at high temperatures, TI Pb-Free products are suitable for use in specified lead-free processes.
Pb-Free (RoHS Exempt): This component has a RoHS exemption for either 1) lead-based flip-chip solder bumps used between the die and package, or 2) lead-based die adhesive used between
the die and leadframe. The component is otherwise considered Pb-Free (RoHS compatible) as defined above.
Green (RoHS & no Sb/Br): TI defines "Green" to mean Pb-Free (RoHS compatible), and free of Bromine (Br) and Antimony (Sb) based flame retardants (Br or Sb do not exceed 0.1% by weight
in homogeneous material)
(3) MSL, Peak Temp. - The Moisture Sensitivity Level rating according to the JEDEC industry standard classifications, and peak solder temperature.
(4) There may be additional marking, which relates to the logo, the lot trace code information, or the environmental category on the device.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com