Electronic Components Datasheet Search
  English  ▼

X  

LM2596 Datasheet(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
Part # LM2596
Description  LM2596 SIMPLE SWITCHER짰 Power Converter 150 kHz 3A Step-Down Voltage Regulator
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM2596 Datasheet(HTML) 6 Page - Texas Instruments

Back Button LM2596 Datasheet HTML 2Page - Texas Instruments LM2596 Datasheet HTML 3Page - Texas Instruments LM2596 Datasheet HTML 4Page - Texas Instruments LM2596 Datasheet HTML 5Page - Texas Instruments LM2596 Datasheet HTML 6Page - Texas Instruments LM2596 Datasheet HTML 7Page - Texas Instruments LM2596 Datasheet HTML 8Page - Texas Instruments LM2596 Datasheet HTML 9Page - Texas Instruments LM2596 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 42 page
background image
LM2596
SNVS124C – NOVEMBER 1999 – REVISED APRIL 2013
www.ti.com
Typical Performance Characteristics
(Circuit of Figure 20)
Normalized
Output Voltage
Line Regulation
Figure 3.
Figure 4.
Switch Saturation
Efficiency
Voltage
Figure 5.
Figure 6.
Switch Current Limit
Dropout Voltage
Figure 7.
Figure 8.
6
Submit Documentation Feedback
Copyright © 1999–2013, Texas Instruments Incorporated
Product Folder Links: LM2596



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com