Electronic Components Datasheet Search
  English  ▼

X  

LM2596 Datasheet(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
Part # LM2596
Description  LM2596 SIMPLE SWITCHER짰 Power Converter 150 kHz 3A Step-Down Voltage Regulator
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM2596 Datasheet(HTML) 7 Page - Texas Instruments

Back Button LM2596 Datasheet HTML 3Page - Texas Instruments LM2596 Datasheet HTML 4Page - Texas Instruments LM2596 Datasheet HTML 5Page - Texas Instruments LM2596 Datasheet HTML 6Page - Texas Instruments LM2596 Datasheet HTML 7Page - Texas Instruments LM2596 Datasheet HTML 8Page - Texas Instruments LM2596 Datasheet HTML 9Page - Texas Instruments LM2596 Datasheet HTML 10Page - Texas Instruments LM2596 Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 42 page
background image
LM2596
www.ti.com
SNVS124C – NOVEMBER 1999 – REVISED APRIL 2013
Typical Performance Characteristics (continued)
(Circuit of Figure 20)
Operating
Shutdown
Quiescent Current
Quiescent Current
Figure 9.
Figure 10.
Minimum Operating
ON /OFF Threshold
Supply Voltage
Voltage
Figure 11.
Figure 12.
ON /OFF Pin
Current (Sinking)
Switching Frequency
Figure 13.
Figure 14.
Copyright © 1999–2013, Texas Instruments Incorporated
Submit Documentation Feedback
7
Product Folder Links: LM2596



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com