Electronic Components Datasheet Search
  English  ▼

X  

EP3C80 Datasheet(PDF) 111 Page - Altera Corporation

Part # EP3C80
Description  Chapter Revision Dates
PDF  274 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALTERA [Altera Corporation]
Direct Link  http://www.altera.com
Logo ALTERA - Altera Corporation

EP3C80 Datasheet(HTML) 111 Page - Altera Corporation

Back Button EP3C80 Datasheet HTML 107Page - Altera Corporation EP3C80 Datasheet HTML 108Page - Altera Corporation EP3C80 Datasheet HTML 109Page - Altera Corporation EP3C80 Datasheet HTML 110Page - Altera Corporation EP3C80 Datasheet HTML 111Page - Altera Corporation EP3C80 Datasheet HTML 112Page - Altera Corporation EP3C80 Datasheet HTML 113Page - Altera Corporation EP3C80 Datasheet HTML 114Page - Altera Corporation EP3C80 Datasheet HTML 115Page - Altera Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 111 / 274 page
background image
Chapter 6: I/O Features in the Cyclone III Device Family
6–13
Termination Scheme for I/O Standards
July 2012
Altera Corporation
Cyclone III Device Handbook
Volume 1
The Cyclone III device family supports PCI and PCI-X I/O standards at 3.0-V VCCIO.
The 3.0-V PCI and PCI-X I/O are fully compatible for direct interfacing with 3.3-V PCI
systems without requiring any additional components. The 3.0-V PCI and PCI-X
outputs meet the VIH and VIL requirements of 3.3-V PCI and PCI-X inputs with
sufficient noise margin.
f For more information about the 3.3/3.0/2.5-V LVTTL and LVCMOS multivolt I/O
support, refer to AN 447: Interfacing Cyclone III and Cyclone IV Devices with 3.3/3.0/2.5-V
LVTTL/LVCMOS I/O Systems.
Termination Scheme for I/O Standards
This section describes recommended termination schemes for voltage-referenced and
differential I/O standards.
The 3.3-V LVTTL, 3.0-V LVTTL and LVCMOS, 2.5-V LVTTL and LVCMOS,
1.8-V LVTTL
and LVCMOS, 1.5-V LVCMOS, 1.2-V LVCMOS, 3.0-V PCI, and PCI-X
I/O standards do not specify a recommended termination scheme per the JEDEC
standard.
LVDS (8)
Differential
—
2.5
2.5
vv
v
v
v
RSDS and
mini-LVDS (4)
Differential
—
—
2.5
—
vv
—
v
BLVDS (6)
Differential
—
2.5
2.5
—
—
v
—
v
LVPECL (5)
Differential
—
2.5
—
v
——
v
—
Notes to Table 6–4:
(1) The PCI-clamp diode must be enabled for 3.3-V/3.0-V LVTTL/LVCMOS.
(2) The Cyclone III architecture supports the MultiVolt I/O interface feature that allows Cyclone III devices to interface with I/O systems that have
different supply voltages.
(3) Differential HSTL and SSTL outputs use two single-ended outputs with the second output programmed as inverted. Differential HSTL and SSTL
inputs treat differential inputs as two single-ended HSTL and SSTL inputs and only decode one of them. Differential HSTL and SSTL are only
supported on CLK pins.
(4) PPDS, mini-LVDS, and RSDS are only supported on output pins.
(5) LVPECL is only supported on clock inputs.
(6) Bus LVDS (BLVDS) output uses two single-ended outputs with the second output programmed as inverted. BLVDS input uses LVDS input buffer.
(7) Class I and Class II refer to output termination and do not apply to input. 1.2-V HSTL input is supported at both column and row I/O regardless of
class.
(8) True differential LVDS, RSDS, and mini-LVDS I/O standards are supported in left and right I/O pins while emulated differential LVDS (LVDS_E_3R),
RSDS (RSDS_E_3R), and mini-LVDS (LVDS_E_3R) I/O standards are supported in both left and right, and top and bottom I/O pins.
Table 6–4. Cyclone III Device Family Supported I/O Standards and Constraints (Part 2 of 2)
I/O Standard
Type
Standard
Support
VCCIO Level (in V)
Top and Bottom I/O Pins
Left and Right
I/O Pins
Input
Output
CLK,
DQS
PLL_OUT
User
I/O
Pins
CLK,
DQS
User I/O
Pins



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com