Electronic Components Datasheet Search
  English  ▼

X  

AD5501 Datasheet(PDF) 5 Page - Analog Devices

Part # AD5501
Description  High Voltage, Quad-Channel 12-Bit Voltage Output DAC
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5501 Datasheet(HTML) 5 Page - Analog Devices

  AD5501 Datasheet HTML 1Page - Analog Devices AD5501 Datasheet HTML 2Page - Analog Devices AD5501 Datasheet HTML 3Page - Analog Devices AD5501 Datasheet HTML 4Page - Analog Devices AD5501 Datasheet HTML 5Page - Analog Devices AD5501 Datasheet HTML 6Page - Analog Devices AD5501 Datasheet HTML 7Page - Analog Devices AD5501 Datasheet HTML 8Page - Analog Devices AD5501 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 20 page
background image
Data Sheet
AD5504
Rev. B | Page 5 of 20
Parameter
Symbol
Min
Typ1
Max
Unit
Test Conditions/Comments
POWER SUPPLIES
VDD
10
62
V
VLOGIC
2.3
5.5
V
Quiescent Supply Current (IQUIESCENT)
2
3
mA
Static conditions; DAC
outputs = midscale
Logic Supply Current (ILOGIC)
0.4
2
µA
VIH = VLOGIC; VIL = DGND
DC PSRR4
DAC output = full-scale
60 V Mode
68
dB
30 V Mode
76
dB
POWER-DOWN MODE
Supply Current
IDD_PWD
Software Power-Down Mode
30
50
µA
Junction Temperature8
TJ
130
°C
TJ = TA + PTOTAL × θJA
1
Typical specifications represent average readings at 25°C, VDD = 62 V and VLOGIC = 5 V.
2
Valid in output voltage range of (VDD − 0.5 V) to (AGND + 0.5 V). Outputs are unloaded.
3
Includes linearity, offset, and gain drift.
4
Guaranteed by design and characterization. Not production tested.
5
VOUTX refers to VOUTA, VOUTB, VOUTC, or VOUTD.
6
DAC code = 32 for 60 V mode; DAC code = 64 for 30 V mode.
7
The DAC architecture gives a fixed linear voltage output range of 0 V to 30 V if R_SEL is held high and 0 V to 60 V if R_SEL is held low. As the output voltage range is
limited by output amplifier compliance, VDD should be set to at least 0.5 V higher than the maximum output voltage to ensure compliance.
8
If the die temperature exceeds 110°C, the AD5504 enters a temperature power-down mode putting the DAC outputs into a high impedance state thereby removing
the short-circuit condition. Overheating caused by long term short-circuit condition(s) is detected by an integrated thermal sensor. After power-down, the AD5504
stays powered down until a software power-up command is executed.
AC CHARACTERISTICS
VDD = 10 V to 62 V; VLOGIC = 2.3 V to 5.5 V; RL = 60 kΩ; CL = 200 pF; −40°C < TA < +105°C, unless otherwise noted.
Table 3.
Parameter1, 2
Min
Typ
Max
Unit
Test Conditions/Comments3
AC CHARACTERISTICS
Output Voltage Settling Time
¼ to ¾ scale settling to ±1 LSB, RL = 60 kΩ
60 V Mode
45
55
µs
30 V Mode
25
35
µs
Slew Rate
0.65
V/µs
Digital-to-Analog Glitch Energy
300
nV-s
1 LSB change around major carry in 60 V mode
Glitch Impulse Peak Amplitude
170
mV
60 V mode
Digital Feedthrough
40
nV-s
Digital Crosstalk
5
nV-s
Analog Crosstalk
600
nV-s
DAC-to-DAC Crosstalk
600
nV-s
Peak-to-Peak Noise
140
μV p-p
0.1 Hz to 10 Hz; DAC code = 0x800
4
mV p-p
0.1 Hz to 10 kHz; DAC code = 0x800
1
Guaranteed by design and characterization; not production tested.
2
See the Terminology section.
3
Temperature range is −40°C to + 105°C, typical at 25°C.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com