Electronic Components Datasheet Search
  English  ▼

X  

AD5501 Datasheet(PDF) 11 Page - Analog Devices

Part # AD5501
Description  High Voltage, Quad-Channel 12-Bit Voltage Output DAC
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5501 Datasheet(HTML) 11 Page - Analog Devices

Back Button AD5501 Datasheet HTML 7Page - Analog Devices AD5501 Datasheet HTML 8Page - Analog Devices AD5501 Datasheet HTML 9Page - Analog Devices AD5501 Datasheet HTML 10Page - Analog Devices AD5501 Datasheet HTML 11Page - Analog Devices AD5501 Datasheet HTML 12Page - Analog Devices AD5501 Datasheet HTML 13Page - Analog Devices AD5501 Datasheet HTML 14Page - Analog Devices AD5501 Datasheet HTML 15Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 20 page
background image
Data Sheet
AD5504
Rev. B | Page 11 of 20
0
15
45
30
60
OUTPUT VOLTAGE (V)
2.2
1.8
1.9
2.0
2.1
VDD = 62V
VOUTA = VOUTB = VOUTC = VOUTD
Figure 12. IDD vs. VOUTA to VOUTD
0
5
10
15
TIME (ms)
2
–10
–8
–6
–4
–2
0
Figure 13. Digital-to-Analog Negative Glitch Impulse
0
5
10
15
TIME (ms)
12
–4
–2
0
2
4
6
8
10
Figure 14. Digital-to-Analog Positive Glitch Impulse
0
2
6
4
10
8
TIME (µs)
0.20
–0.20
–0.15
–0.10
–0.05
0
0.05
0.10
0.15
VOUTA = 30V; VOUTB SWITCHING
VOUTB = 0V TO 30V
VOUTB = 0V TO 45V
VOUTB = 0V TO 60V
Figure 15. DAC-to-DAC Crosstalk
–1.0
–0.5
0.5
0
1.0
LOAD CURRENT (mA)
6
0
1
2
3
4
5
VOUTD
VOUTB
VOUTC
VOUTA
Figure 16. DAC-to-DAC Mismatch



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com