Electronic Components Datasheet Search
  English  ▼

X  

AD5501 Datasheet(PDF) 14 Page - Analog Devices

Part # AD5501
Description  High Voltage, Quad-Channel 12-Bit Voltage Output DAC
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5501 Datasheet(HTML) 14 Page - Analog Devices

Back Button AD5501 Datasheet HTML 10Page - Analog Devices AD5501 Datasheet HTML 11Page - Analog Devices AD5501 Datasheet HTML 12Page - Analog Devices AD5501 Datasheet HTML 13Page - Analog Devices AD5501 Datasheet HTML 14Page - Analog Devices AD5501 Datasheet HTML 15Page - Analog Devices AD5501 Datasheet HTML 16Page - Analog Devices AD5501 Datasheet HTML 17Page - Analog Devices AD5501 Datasheet HTML 18Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 20 page
background image
AD5504
Data Sheet
Rev. B | Page 14 of 20
THEORY OF OPERATION
The AD5504 contains four DACs, four output amplifiers, and a
precision reference in a single package. The architecture of a
single DAC channel consists of a 12-bit resistor string DAC
followed by an output buffer amplifier. The part operates from
a single-supply voltage of 10 V to 62 V. The DAC output voltage
range is selected via the range select, R_SEL, pin. The DAC
output range is 0 V to 30 V if R_SEL is held high and 0 V to
60 V if R_SEL is held low. Data is written to the AD5504 in a
16-bit word format (see Table 8), via a serial interface.
POWER-UP STATE
On power-up, the power-on reset circuitry clears the bits of the
control register to 0x40 (see Table 10). This ensures that the
analog section is initially powered down, which helps reduce
power consumption. The user can program the DAC registers
to the required values while typically consuming only 30 µA of
supply current. The power-on reset circuitry also ensures that
all the input and DAC registers power up in a known condition,
0x000, and remain there until a valid write to the device has
taken place. The analog section can be powered up by setting
any or all of Bit C2 to Bit C5 of the control register to 1.
POWER-DOWN MODE
Each DAC channel can be individually powered up or powered
down by programming the control register (see Table 10).
When the DAC channel is powered down, the associated analog
circuitry turns off to reduce power consumption. The digital
section of the AD5504 remains powered up. The output of the
DAC amplifier can be three-stated or connected to AGND via
an internal 20 kΩ resistor, depending on the state of Bit C6 in
the control register. The power-down mode does not change the
contents of the DAC register to ensure that the DAC channel
returns to its previous voltage when the power-down bit is set to 1.
The AD5504 also offers the user the flexibility of updating the
DAC registers during power-down. The control register can be
read back at any time to check the status of the bits.
DAC CHANNEL ARCHITECTURE
The architecture of a single DAC channel consists of a 12-bit
resistor string DAC followed by an output buffer amplifier (see
Figure 17). The resistor string section is simply a string of
resistors, each of Value R from VREF generated by the precision
reference to AGND. This type of architecture guarantees DAC
monotonicity. The 12-bit binary digital code loaded to the DAC
register determines at which node on the string the voltage is
tapped off before being fed into the output amplifier. The
output amplifier multiplies the DAC output voltage to give a
fixed linear voltage output range of 0 V to 60 V if R_SEL = 0
or 0 V to 30 V if R_SEL = 1. Each output amplifier is capable
of driving a 60 kΩ load while allowing an output swing within
the range of AGND + 0.5 V and VDD − 0.5 V.
Because the DAC architecture gives a fixed voltage output range
of 0 V to 30 V or 0 V to 60 V, the user should set VDD to at least
30.5 V or 60.5 V to use the maximum DAC resolution. The data
format for the AD5501 is straight binary and the output voltage
follows the formula
Range
D
VOUT
×
=
4096
where:
D is the code loaded to the DAC.
Range = 30, if R_SEL is high, and 60 if R_SEL is low.
GAIN
VOUTx
DAC
REGISTER
INPUT
REGISTER
PRECISION
REFERENCE
AGND
12
12
DAC
Figure 17. DAC Channel Architecture (Single-Channel Shown)
SELECTING THE OUTPUT RANGE
The output range of the DACs is selected by the R_SEL pin.
When the R_SEL pin is connected to Logic 1, the DAC output
voltages can be set between 0 V and 30 V. When the R_SEL pin
is connected to Logic 0, the DAC output voltages can be set
between 0 V and 60 V. The state of R_SEL can be changed any
time when the serial interface is not being used, that is, not
during a read or write operation. When the R_SEL pin is
changed, the voltage on the output pin remains the same until
the next write to the DAC register (and LDAC is brought low).
For example, if the user writes 0x800 to the DAC register when
in 30 V mode (R_SEL = 1), the output voltage is 15 V (assuming
LDAC is low or has been pulsed low). When the user switches
to 60 V mode (R_SEL = 0), the output stays at 15 V until the
user writes a new value to the DAC register. LDAC must be low
or be pulsed low for the output to change.
CLR FUNCTION
The AD5504 has a hardware CLR pin that is an asynchronous
clear input. The CLR input is falling edge sensitive. Bringing the
CLR line low clears the contents of the input register and the
DAC registers to 0x000. The CLR pulse activation time, that is,
the falling edge of CLR to when the output starts to change, is
typically 100 ns.
LDAC FUNCTION
The DAC outputs can be updated using the hardware LDAC
pin. LDAC is normally high. On the falling edge of LDAC, data
is copied from the input registers to the DAC registers, and the
DAC outputs are updated simultaneously (asynchronous update
mode, see Figure 3). If the LDAC is kept low, or is low on the
falling edge of the 16th SCLK, the appropriate DAC register and
DAC output are updated automatically (synchronous update
mode, see Figure 3).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com