Electronic Components Datasheet Search
  English  ▼

X  

GDZ11B Datasheet(PDF) 4 Page - Formosa MS

Part # GDZ11B
Description  Zener diode
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FORMOSA [Formosa MS]
Direct Link  http://www.formosams.com
Logo FORMOSA - Formosa MS

GDZ11B Datasheet(HTML) 4 Page - Formosa MS

  GDZ11B Datasheet HTML 1Page - Formosa MS GDZ11B Datasheet HTML 2Page - Formosa MS GDZ11B Datasheet HTML 3Page - Formosa MS GDZ11B Datasheet HTML 4Page - Formosa MS  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
Vz (V)
5
10
15
20
25
0
10
20
30
40
50
30
50
0
100
200
300
400
500
100
150
200
250
AMBIENT TEMPERATURE, C
O
Test Current
Iz=20mA
RATING AND CHARACTERISTIC CURVES
Zener diode
GDZ2.0 Thru GDZ56
Formosa MS
Page 4
Document ID
Issued Date
Revised Date
Revision
Page.
DS-221953
2009/08/10
2011/08/12
B
4
http://www.formosams.com/
TEL:886-2-22696661
FAX:886-2-22696141
深圳FMS
Kinter
131
6803
0058



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com