Electronic Components Datasheet Search
  English  ▼

X  

GDZ11B Datasheet(PDF) 1 Page - Formosa MS

Part # GDZ11B
Description  Zener diode
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FORMOSA [Formosa MS]
Direct Link  http://www.formosams.com
Logo FORMOSA - Formosa MS

GDZ11B Datasheet(HTML) 1 Page - Formosa MS

  GDZ11B Datasheet HTML 1Page - Formosa MS GDZ11B Datasheet HTML 2Page - Formosa MS GDZ11B Datasheet HTML 3Page - Formosa MS GDZ11B Datasheet HTML 4Page - Formosa MS  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
FEATURES
• Planar Die construction
• 500mW Power Dissipation
• Ideally Suited for Automated Assembly Processes
• Lead free in comply with EU RoHS 2011/65/EU directives
MECHANICAL DATA
• Case: Molded Glass DO-34
• Terminals: Solderable per MIL-STD-750, Method 2026
• Polarity: Color band denotes cathode end
• Approx. Weight: 0.09 grams
• Ordering information
Suffix : “ -34 ” to order DO-34 Package
• Packing information
B - 2K per Bulk box
T/R - 10K per 15" plastic Reel
T/B - 5K per horiz. tape & Ammo box
Parameter
Symbol
Value
Units
Power Dissipation on T
A=25
O
C
PTOT
500
mW
Operating Junction Temperature Range
TJ
175
O
C
Storage Temperature Range
TSTG
-65 to + 175
O
C
Valid provided that leads at a distance of 10mm from case are kept at ambient perature.
Parameter
Symbol
Min.
Typ.
Max.
Units
Thermal Resistance
RJA
--
0.3
O
C/mW
Forward Voltage at IF=100mA
VF
--
1
V
Valid provided that leads at a distance of 10mm from case are kept at ambient perature.
0.087(2.2)
0.067(1.7)
0.018(0.45)
0.014(0.35)
Zener diode
GDZ2.0 Thru GDZ56
Formosa MS
VOLTAGE 2.0 to 56 Volts
POWER
500 mWatts
D0-34
Page 1
Document ID
Issued Date
Revised Date
Revision
Page.
DS-221953
2009/08/10
2011/08/12
B
4
http://www.formosams.com/
TEL:886-2-22696661
FAX:886-2-22696141
深圳FMS
Kinter
131
6803
0058


Similar Part No. - GDZ11B

ManufacturerPart #DatasheetDescription
logo
EIC discrete Semiconduc...
GDZ11B EIC-GDZ11B Datasheet
40Kb / 2P
ZENER DIODES
logo
SynSemi, Inc.
GDZ11B SYNSEMI-GDZ11B Datasheet
77Kb / 2P
ZENER DIODES
logo
Frontier Electronics.
GDZ11B FRONTIER-GDZ11B Datasheet
125Kb / 4P
500m WATT ZENER DIODE
logo
Vishay Siliconix
GDZ11B VISHAY-GDZ11B Datasheet
83Kb / 4P
Small Signal Zener Diodes
03-Nov-16
logo
SUNMATE electronic Co.,...
GDZ11B SUNMATE-GDZ11B Datasheet
406Kb / 2P
SURFACE MOUNT ZENER DIODES
More results

Similar Description - GDZ11B

ManufacturerPart #DatasheetDescription
logo
Rohm
PTZ68B ROHM-PTZ68B Datasheet
773Kb / 5P
Zener diode
logo
AUK corp
SDZ5V6D AUK-SDZ5V6D Datasheet
33Kb / 3P
Zener Diode
logo
Diodes Incorporated
KDZ3.6B DIODES-KDZ3.6B Datasheet
128Kb / 5P
Zener diode
logo
Rohm
KDZ5.1B ROHM-KDZ5.1B Datasheet
134Kb / 5P
Zener diode
KDZ6.2B ROHM-KDZ6.2B Datasheet
134Kb / 5P
Zener diode
UMZ8.2N ROHM-UMZ8.2N_1 Datasheet
187Kb / 3P
Zener diode
logo
AUK corp
SDZ5V1 AUK-SDZ5V1 Datasheet
40Kb / 3P
Zener Diode
logo
Micro Commercial Compon...
DL4733A-TP MCC-DL4733A-TP Datasheet
254Kb / 4P
1 Watt Zener Diode Zener Diode
SMAJ4736A-TP MCC-SMAJ4736A-TP Datasheet
452Kb / 4P
1 Watt Zener Diode Zener Diode
logo
AiT Semiconductor Inc.
BZX84C2V4 AITSEMI-BZX84C2V4 Datasheet
453Kb / 8P
ZENER DIODE ZENER VOLTAGE REGULATOR DIODE
REV1.1
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com