Electronic Components Datasheet Search
  English  ▼

X  

GDZ11B Datasheet(PDF) 3 Page - Formosa MS

Part # GDZ11B
Description  Zener diode
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FORMOSA [Formosa MS]
Direct Link  http://www.formosams.com
Logo FORMOSA - Formosa MS

GDZ11B Datasheet(HTML) 3 Page - Formosa MS

  GDZ11B Datasheet HTML 1Page - Formosa MS GDZ11B Datasheet HTML 2Page - Formosa MS GDZ11B Datasheet HTML 3Page - Formosa MS GDZ11B Datasheet HTML 4Page - Formosa MS  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
Part Number
Nominal Zener Voltage
Max. Zener Impedance
Max Reverse
Leakage Current
Marking
Code
V Z @ I ZT
ZZT @ I ZT
ZZK @ I ZK
I R @ VR
Nom. V
Mi n. V
Max. V
Ω
mA
Ω
mA
μ
AV
500 mW Zener Diodes
GDZ 12A
12
11.13
11.71
12
10
110
0.5
0.2
9
12A
GDZ 12B
12
11.44
12.03
12
10
110
0.5
0.2
9
12B
GDZ 12C
12
11.74
12.35
12
10
110
0.5
0.2
9
12C
GDZ 13A
13
12.11
12.75
14
10
110
0.5
0.2
10
13A
GDZ 13B
13
12.55
13.21
14
10
110
0.5
0.2
10
13B
GDZ 13C
13
12.99
13.66
14
10
110
0.5
0.2
10
13C
GDZ 15A
15
13.44
14.13
16
10
110
0.5
0.2
11
15A
GDZ 15B
15
13.89
14.62
16
10
110
0.5
0.2
11
15B
GDZ 15C
15
14.35
15.09
16
10
110
0.5
0.2
11
15C
GDZ 16A
16
14.8
15.57
18
10
150
0.5
0.2
12
16A
GDZ 16B
16
15.25
16.04
18
10
150
0.5
0.2
12
16B
GDZ 16C
16
15.69
16.51
18
10
150
0.5
0.2
12
16C
GDZ 18A
18
16.22
17.06
23
10
150
0.5
0.2
13
18A
GDZ 18B
18
16.82
17.7
23
10
150
0.5
0.2
13
18B
GDZ 18C
18
17.42
18.33
23
10
150
0.5
0.2
13
18C
GDZ 20A
20
18.02
18.96
28
10
200
0.5
0.2
15
20A
GDZ 20B
20
18.63
19.59
28
10
200
0.5
0.2
15
20B
GDZ 20C
20
19.23
20.22
28
10
200
0.5
0.2
15
20C
GDZ 20D
20
19.72
20.72
28
10
200
0.5
0.2
15
20D
GDZ 22A
22
20.15
21.2
30
5
200
0.5
0.2
17
22A
GDZ 22B
22
20.64
21.71
30
5
200
0.5
0.2
17
22B
GDZ 22C
22
21.08
22.17
30
5
200
0.5
0.2
17
22C
GDZ 22D
22
21.52
22.63
30
5
200
0.5
0.2
17
22D
GDZ 24A
24
22.05
23.18
35
5
200
0.5
0.2
19
24A
GDZ 24B
24
22.61
23.77
35
5
200
0.5
0.2
19
24B
GDZ 24C
24
23.12
24.31
35
5
200
0.5
0.2
19
24C
GDZ 24D
24
23.63
24.85
35
5
200
0.5
0.2
19
24D
GDZ 27A
27
24.26
25.52
45
5
250
0.5
0.2
21
27A
GDZ 27B
27
24.97
26.26
45
5
250
0.5
0.2
21
27B
GDZ 27C
27
25.63
26.95
45
5
250
0.5
0.2
21
27C
GDZ 27D
27
26.29
27.64
45
5
250
0.5
0.2
21
27D
GDZ 30A
30
26.99
28.39
55
5
250
0.5
0.2
23
30A
GDZ 30B
30
27.7
29.13
55
5
250
0.5
0.2
23
30B
GDZ 30C
30
28.36
29.82
55
5
250
0.5
0.2
23
30C
GDZ 30D
30
29.02
30.51
55
5
250
0.5
0.2
23
30D
GDZ 33A
33
29.68
31.22
65
5
250
0.5
0.2
25
33A
GDZ 33B
33
30.32
31.88
65
5
250
0.5
0.2
25
33B
GDZ 33C
33
30.90
32.5
65
5
250
0.5
0.2
25
33C
GDZ 33D
33
31.49
33.11
65
5
250
0.5
0.2
25
33D
GDZ 36A
36
32.14
33.79
75
5
250
0.5
0.2
27
36A
GDZ 36B
36
32.79
34.49
75
5
250
0.5
0.2
27
36B
GDZ 36C
36
33.4
35.13
75
5
250
0.5
0.2
27
36C
GDZ 36D
36
34.01
35.77
75
5
250
0.5
0.2
27
36D
GDZ 39A
39
34.68
36.47
85
5
250
0.5
0.2
30
39A
GDZ 39B
39
35.36
37.19
85
5
250
0.5
0.2
30
39B
GDZ 39C
39
36
37.85
85
5
250
0.5
0.2
30
39C
GDZ 39D
39
36.63
38.52
85
5
250
0.5
0.2
30
39D
GDZ 41
39
37
41
90
5
-
-
0.2
30
41
GDZ 43
43
40
45
90
5
-
-
0.2
33
43
GDZ 47
47
44
49
90
5
-
-
0.2
36
47
GDZ 51
51
48
54
110
5
-
-
0.2
39
51
GDZ 56
56
53
60
110
5
-
-
0.2
43
56
Zener diode
GDZ2.0 Thru GDZ56
Formosa MS
Page 3
Document ID
Issued Date
Revised Date
Revision
Page.
DS-221953
2 009/08/10
2011/08/12
B
4
http://www.formosams.com/
TEL:886-2-22696661
FAX:886-2-22696141
深圳FMS
Kinter
131
6803
0058



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com