Electronic Components Datasheet Search
  English  ▼

X  

ADCCON4 Datasheet(PDF) 35 Page - Analog Devices

Part # ADCCON4
Description  8-/10-Channel, Low Voltage, Low Power,ADCs
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADCCON4 Datasheet(HTML) 35 Page - Analog Devices

Back Button ADCCON4 Datasheet HTML 31Page - Analog Devices ADCCON4 Datasheet HTML 32Page - Analog Devices ADCCON4 Datasheet HTML 33Page - Analog Devices ADCCON4 Datasheet HTML 34Page - Analog Devices ADCCON4 Datasheet HTML 35Page - Analog Devices ADCCON4 Datasheet HTML 36Page - Analog Devices ADCCON4 Datasheet HTML 37Page - Analog Devices ADCCON4 Datasheet HTML 38Page - Analog Devices ADCCON4 Datasheet HTML 39Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 44 page
background image
REV. 0
AD7708/AD7718
–35–
AD7708/AD7718 to 68HC11 Interface
Figure 19 shows an interface between the AD7708/AD7718 and
the 68HC11 microcontroller. The diagram shows the minimum
(3-wire) interface with
CS on the AD7708/AD7718 hardwired
low. In this scheme, the RDY bit of the Status Register is
monitored to determine when the Data Register is updated.
An alternative scheme, which increases the number of inter-
face lines to four, is to monitor the
RDY output line from the
AD7708/AD7718. The monitoring of the
RDY line can be done
in two ways. First,
RDY can be connected to one of the 68HC11’s
port bits (such as PC0), which is configured as an input. This
port bit is then polled to determine the status of
RDY. The
second scheme is to use an interrupt driven system, in which
case the
RDY output is connected to the IRQ input of the
68HC11. For interfaces that require control of the
CS input on
the AD7708/AD7718, one of the port bits of the 68HC11 (such
as PC1), which is configured as an output, can be used to drive
the
CS input.
68HC11
VDD
SS
SCK
MISO
MOSI
RESET
SCLK
CS
DIN
DOUT
VDD
AD7708/
AD7718
Figure 19. AD7708/AD7718-to-68HC11 Interface
The 68HC11 is configured in the master mode with its CPOL
bit set to a Logic 1 and its CPHA bit set to a Logic 1. When the
68HC11 is configured like this, its SCLK line idles high between
data transfers. The AD7708/AD7718 is not capable of full duplex
operation. If the AD7708/AD7718 is configured for a write
operation, no data appears on the DOUT lines even when the
SCLK input is active. Similarly, if the AD7708/AD7718 is config-
ured for a read operation, data presented to the part on the DIN
line is ignored even when SCLK is active.
AD7708/AD7718-to-8051 Interface
An interface circuit between the AD7708/AD7718 and the
8XC51 microcontroller is shown in Figure 20. The diagram
shows the minimum number of interface connections with
CS
on the AD7708/AD7718 hardwired low. In the case of the
8XC51 interface the minimum number of interconnects is just
two. In this scheme, the RDY bit of the Status Register is
monitored to determine when the Data Register is updated. The
alternative scheme, which increases the number of interface
lines to three, is to monitor the
RDY output line from the
AD7708/AD7718. The monitoring of the
RDY line can be done
in two ways. First,
RDY can be connected to one of the 8XC51’s
port bits (such as P1.0) which is configured as an input. This
port bit is then polled to determine the status of
RDY. The
second scheme is to use an interrupt-driven system, in which
case the
RDY output is connected to the INT1 input of the
8XC51. For interfaces that require control of the
CS input on
the AD7708/AD7718, one of the port bits of the 8XC51 (such
as P1.1), which is configured as an output, can be used to drive
the
CS input. The 8XC51 is configured in its Mode 0 serial
interface mode. Its serial interface contains a single data line. As
a result, the DOUT and DIN pins of the AD7708/AD7718 should
be connected together with a 10 k
Ω pull-up resistor. The serial
clock on the 8XC51 idles high between data transfers. The
8XC51 outputs the LSB first in a write operation, while the
AD7708/AD7718 expects the MSB first so the data to be trans-
mitted has to be rearranged before being written to the output
serial register. Similarly, the AD7708/AD7718 outputs the MSB
first during a read operation while the 8XC51 expects the LSB
first. Therefore, the data read into the serial buffer needs to be
rearranged before the correct data word from the AD7708/
AD7718 is available in the accumulator.
DVDD
8XC51
AD7708/
AD7718
P3.0
P3.1
RESET
SCLK
CS
DIN
DOUT
DVDD
10k
Figure 20. AD7708/AD7718-to-8XC51 Interface



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com