Electronic Components Datasheet Search
  English  ▼

X  

ADCCON4 Datasheet(PDF) 27 Page - Analog Devices

Part # ADCCON4
Description  8-/10-Channel, Low Voltage, Low Power,ADCs
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADCCON4 Datasheet(HTML) 27 Page - Analog Devices

Back Button ADCCON4 Datasheet HTML 23Page - Analog Devices ADCCON4 Datasheet HTML 24Page - Analog Devices ADCCON4 Datasheet HTML 25Page - Analog Devices ADCCON4 Datasheet HTML 26Page - Analog Devices ADCCON4 Datasheet HTML 27Page - Analog Devices ADCCON4 Datasheet HTML 28Page - Analog Devices ADCCON4 Datasheet HTML 29Page - Analog Devices ADCCON4 Datasheet HTML 30Page - Analog Devices ADCCON4 Datasheet HTML 31Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 44 page
background image
REV. 0
AD7708/AD7718
–27–
Mode Register (A3, A2, A1, A0 = 0, 0, 0, 1; Power-On-Reset = 00Hex)
The Mode Register is an 8-bit register from which data can be read or to which data can be written. This register configures the
operating modes of the AD7708/AD7718. Table XV outlines the bit designations for the Mode Register. MR7 through MR0 indi-
cate the bit location, MR denoting the bits are in the Mode Register. MR7 denotes the first bit of the data stream. The number in
brackets indicates the power-on/reset default status of that bit.
7
R
M6
R
M5
R
M4
R
M3
R
M2
R
M1
R
M0
R
M
P
O
H
C
)
0
(
)
0
(
F
U
B
G
E
N)
0
(
L
E
S
F
E
R)
0
(
N
O
C
H
C)
0
(
D
P
C
S
O)
0
(
2
D
M)
0
(
1
D
M)
0
(
0
D
M
Table XV. Mode Register Bit Designations
Bit
Bit
Location
Mnemonic
Description
MR7
CHOP
If this bit is cleared, chopping is enabled. When this bit is set chopping is disabled. The default is for
chop enabled.
MR6
NEGBUF
This bit controls the operation of the input buffer on the AINCOM input when a channel is config-
ured for pseudo-differential mode of operation. If cleared, the analog negative input (AINCOM) is
unbuffered allowing it to be tied to AGND in single-ended input configuration. If this bit is set the
analog negative input (AINCOM) is buffered, placing a restriction on its common-mode input range.
MR5
REFSEL
If this bit is cleared, the reference selected is REFIN1(+) and REFIN1(–) for the active channel. If
this bit is set, the reference selected is REFIN2(+) and REFIN2(–) for the active channel. The con-
tents of the CHCON bit overrides the REFSEL bit. If the ADC is configured in five fully-differential
or 10 pseudo-differential input channel mode, the REFSEL bit setting is irrelevant as only one
reference input is available. VREF Select implemented using the REFSEL bit enables the user to
perform both absolute and ratiometric measurements.
MR4
CHCON
When cleared the device is configured as an 8-input channel converter, configured as eight pseudo-
differential input channels with respect to AINCOM or four differential input arrangements
with two reference input selection options. When set the device is configured as a 10 pseudo-
differential input or a five differential input channel arrangement with a single reference
input option.
MR3
OSCPD
Oscillator Power-Down Bit.
If this bit is set, placing the AD7708/AD7718 in standby mode will stop the crystal oscillator reducing
the power drawn by these parts to a minimum. The oscillator will require 300 ms to begin oscillating
when the ADC is taken out of standby mode. If this bit is cleared, the oscillator is not shut off when
the ADC is put into standby mode and will not require the 300 ms start-up time when the ADC is
taken out of standby.
MR2–MR0
MD2–MD0
ADC Mode Bits.
These bits select the operational mode of the ADC as follows:
MD2
MD1
MD0
0
0
0
Power-Down Mode (Power-On Default)
0
0
1
Idle Mode
In Idle Mode the ADC filter and modulator are held in a reset state although the modulator clocks
are still provided.
0
1
0
Single Conversion Mode
In Single Conversion Mode, a single conversion is performed on the enabled channels. On comple-
tion of the conversion the ADC data registers are updated, the relevant flags in the STATUS register
are written, and idle mode is reentered with the MD2–MD0 being written accordingly to 001.
0
1
1
Continuous Conversion
In continuous conversion mode, the ADC data registers are regularly updated at the selected update
rate (see Filter register).
1
0
0
Internal Zero-Scale Calibration
Internal short automatically connected to the enabled channel(s)
1
0
1
Internal Full-Scale Calibration
External VREF is connected automatically to the ADC input for this calibration.
1
1
0
System Zero-Scale Calibration
User should connect system zero-scale input to the channel input pins as selected by CH3–CH0 bits
in the control registers.
1
1
1
System Full-Scale Calibration
User should connect system full-scale input to the channel input pins as selected by CH3–CH0 bits
in the control registers.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com