Electronic Components Datasheet Search
  English  ▼

X  

ADCCON4 Datasheet(PDF) 18 Page - Analog Devices

Part # ADCCON4
Description  8-/10-Channel, Low Voltage, Low Power,ADCs
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADCCON4 Datasheet(HTML) 18 Page - Analog Devices

Back Button ADCCON4 Datasheet HTML 14Page - Analog Devices ADCCON4 Datasheet HTML 15Page - Analog Devices ADCCON4 Datasheet HTML 16Page - Analog Devices ADCCON4 Datasheet HTML 17Page - Analog Devices ADCCON4 Datasheet HTML 18Page - Analog Devices ADCCON4 Datasheet HTML 19Page - Analog Devices ADCCON4 Datasheet HTML 20Page - Analog Devices ADCCON4 Datasheet HTML 21Page - Analog Devices ADCCON4 Datasheet HTML 22Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 44 page
background image
REV. 0
–18–
AD7708/AD7718
Table II. Typical Output RMS Noise vs. Input Range and Update Rate for AD7718 with Chop Enabled (
CHOP = 0);
Output RMS Noise in
V
SF
Data Update
Input Range
Word
Rate (Hz)
20 mV
40 mV
80 mV
160 mV
320 mV
640 mV
1.28 V
2.56 V
13
105.3
1.50
1.50
1.60
1.75
3.50
4.50
6.70
11.75
23
59.36
1.0
1.02
1.06
1.15
1.22
1.77
3.0
5.08
27
50.56
0.95
0.95
0.98
1.00
1.10
1.66
5.0
69
19.79
0.60
0.65
0.65
0.65
0.65
0.95
1.40
2.30
255
5.35
0.35
0.35
0.37
0.37
0.37
0.51
0.82
1.25
Table III. Peak-to-Peak Resolution vs. Input Range and Update Rate for AD7718 with Chop Enabled (
CHOP = 0);
Peak-to-Peak Resolution in Bits
SF
Data Update
Input Range
Word
Rate (Hz)
20 mV
40 mV
80 mV
160 mV
320 mV
640 mV
1.28 V
2.56 V
13
105.3
12
13
14
15
15
15.5
16
16
23
59.36
12.5
13.5
14.5
15
16
17
17
17
27
50.56
12.5
13.5
14.5
15.5
16.5
17
17
17
69
19.79
13
14
15
16
17
17.5
18
18.5
255
5.35
14
15
16
17
18
18.5
18.8
19.2
Table IV. Typical Output RMS Noise vs. Input Range and Update Rate for AD7708 with Chop Enabled (
CHOP = 0);
Output RMS Noise in
V
SF
Data Update
Input Range
Word
Rate (Hz)
20 mV
40 mV
80 mV
160 mV
320 mV
640 mV
1.28 V
2.56 V
13
105.3
1.50
1.50
1.60
1.75
3.50
4.50
6.70
11.75
23
59.36
1.0
1.02
1.06
1.15
1.22
1.77
3.0
5.08
27
50.56
0.95
0.95
0.98
1.00
1.10
1.66
5.0
69
19.79
0.60
0.65
0.65
0.65
0.65
0.95
1.40
2.30
255
5.35
0.35
0.35
0.37
0.37
0.37
0.51
0.82
1.25
Table V. Peak-to-Peak Resolution vs. Input Range and Update Rate for AD7708 with Chop Enabled (
CHOP = 0);
Peak-to-Peak Resolution in Bits
SF
Data Update
Input Range
Word
Rate (Hz)
20 mV
40 mV
80 mV
160 mV
320 mV
640 mV
1.28 V
2.56 V
13
105.3
12
13
14
15
15
15.5
16
16
23
59.35
12.5
13.5
14.5
15
16
16
16
16
27
50.56
12.5
13.5
14.5
15.5
16
16
16
16
69
19.79
13
14
15
16
16
16
16
16
255
5.35
14
15
16
16
16
16
16
16



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com