Electronic Components Datasheet Search
  English  ▼

X  

AD8232ACPZ Datasheet(PDF) 4 Page - Analog Devices

Part # AD8232ACPZ
Description  Single-Lead, Heart Rate Monitor Front End
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8232ACPZ Datasheet(HTML) 4 Page - Analog Devices

  AD8232ACPZ Datasheet HTML 1Page - Analog Devices AD8232ACPZ Datasheet HTML 2Page - Analog Devices AD8232ACPZ Datasheet HTML 3Page - Analog Devices AD8232ACPZ Datasheet HTML 4Page - Analog Devices AD8232ACPZ Datasheet HTML 5Page - Analog Devices AD8232ACPZ Datasheet HTML 6Page - Analog Devices AD8232ACPZ Datasheet HTML 7Page - Analog Devices AD8232ACPZ Datasheet HTML 8Page - Analog Devices AD8232ACPZ Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 28 page
background image
AD8232
Data Sheet
Rev. A | Page 4 of 28
Parameter
Symbol
Test Conditions/Comments
Min
Typ
Max
Unit
RIGHT LEG DRIVE AMPLIFIER (A2)
Output Swing
RL = 50 kΩ
0.1
+VS − 0.1
V
Short-Circuit Current
IOUT
11
mA
Integrator Input Resistor
120
150
180
kΩ
Gain Bandwidth Product
GDP
100
kHz
REFERENCE BUFFER (A3)
Offset Error
VOS
RL > 50 kΩ
1
mV
Input Bias Current
IB
100
pA
Short-Circuit Current Limit
IOUT
12
mA
Voltage Range
RL = 50 kΩ
0.1
+VS − 0.7
V
DC LEADS OFF COMPARATORS
Threshold Voltage
+VS − 0.5
V
Hysteresis
60
mV
Propagation Delay
0.5
µs
AC LEADS OFF DETECTOR
Square Wave Frequency
FAC
50
100
175
kHz
Square Wave Amplitude
IAC
200
nA p-p
Impedance Threshold
Between +IN and −IN
10
20
MΩ
Detection Delay
110
μs
FAST RESTORE CIRCUIT
Switches
S1 and S2
On Resistance
RON
8
10
12
kΩ
Off Leakage
100
pA
Window Comparator
Threshold Voltage
From either rail
50
mV
Propagation Delay
2
µs
Switch Timing Characteristics
Feedback Recovery Switch On Time
tSW1
110
ms
Filter Recovery Switch On Time
tSW2
55
ms
Fast Restore Reset
tRST
2
µs
LOGIC INTERFACE
Input Characteristics
Input Voltage (AC/DC and FR)
Low
VIL
1.24
V
High
VIH
1.35
V
Input Voltage (SDN)
Low
VIL
2.1
V
High
VIH
0.5
V
Output Characteristics
LOD+ and LOD− terminals
Output Voltage
Low
VOL
0.05
V
High
VOH
2.95
V
SYSTEM SPECIFICATIONS
Quiescent Supply Current
170
230
µA
TA = 0°C to 70°C
210
µA
Shutdown Current
40
500
nA
TA = 0°C to 70°C
100
nA
Supply Range
2.0
3.5
V
Specified Temperature Range
0
70
°C
Operational Temperature Range
−40
+85
°C
1
Offset referred to the input of the instrumentation amplifier inputs. See the Input Referred Offsets section for additional information.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com