Electronic Components Datasheet Search
  English  ▼

X  

AD8232ACPZ Datasheet(PDF) 3 Page - Analog Devices

Part # AD8232ACPZ
Description  Single-Lead, Heart Rate Monitor Front End
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8232ACPZ Datasheet(HTML) 3 Page - Analog Devices

  AD8232ACPZ Datasheet HTML 1Page - Analog Devices AD8232ACPZ Datasheet HTML 2Page - Analog Devices AD8232ACPZ Datasheet HTML 3Page - Analog Devices AD8232ACPZ Datasheet HTML 4Page - Analog Devices AD8232ACPZ Datasheet HTML 5Page - Analog Devices AD8232ACPZ Datasheet HTML 6Page - Analog Devices AD8232ACPZ Datasheet HTML 7Page - Analog Devices AD8232ACPZ Datasheet HTML 8Page - Analog Devices AD8232ACPZ Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 28 page
background image
Data Sheet
AD8232
Rev. A | Page 3 of 28
SPECIFICATIONS
VS = 3 V, VREF = 1.5 V, VCM = 1.5 V, TA = 25°C, FR=low, SDN=high, AC/DC = low, unless otherwise noted.
Table 1.
Parameter
Symbol
Test Conditions/Comments
Min
Typ
Max
Unit
INSTRUMENTATION AMPLIFIER
Common-Mode Rejection Ratio,
DC to 60 Hz
CMRR
VCM = 0.35 V to 2.85 V, VDIFF = 0 V
80
86
dB
VCM = 0.35 V to 2.85 V, VDIFF = ±0.3 V
80
dB
Power Supply Rejection Ratio
PSRR
VS = 2.0 V to 3.5 V
76
90
dB
Offset Voltage (RTI)
VOS
Instrumentation Amplifier Inputs
3
8
mV
DC Blocking Input1
5
50
µV
Average Offset Drift
Instrumentation Amplifier Inputs
10
µV/°C
DC Blocking Input1
0.05
µV/°C
Input Bias Current
IB
50
200
pA
TA = 0°C to 70°C
1
nA
Input Offset Current
IOS
25
100
pA
TA = 0°C to 70°C
1
nA
Input Impedance
Differential
10||7.5
GΩ||pF
Common Mode
5||15
GΩ||pF
Input Voltage Noise (RTI)
Spectral Noise Density
f = 1 kHz
100
nV/√Hz
Peak-to-Peak Voltage Noise
f = 0.1 Hz to 10 Hz
12
µV p-p
f = 0.5 Hz to 40 Hz
14
µV p-p
Input Voltage Range
TA = 0°C to 70°C
0.2
+VS
V
DC Differential Input Range
VDIFF
−300
+300
mV
Output
Output Swing
RL = 50 kΩ
0.1
+VS − 0.1
V
Short-Circuit Current
IOUT
6.3
mA
Gain
AV
100
V/V
Gain Error
VDIFF = 0 V
0.4
%
VDIFF = −300 mV to +300 mV
1
3.5
%
Average Gain Drift
TA = 0°C to 70°C
12
ppm/°C
Bandwidth
BW
2
kHz
RFI Filter Cutoff (Each Input)
1
MHz
OPERATIONAL AMPLIFIER (A1)
Offset Voltage
VOS
1
5
mV
Average TC
TA = 0°C to 70°C
5
µV/°C
Input Bias Current
IB
100
pA
TA = 0°C to 70°C
1
nA
Input Offset Current
IOS
100
pA
TA = 0°C to 70°C
1
nA
Input Voltage Range
0.1
+VS − 0.1
V
Common-Mode Rejection Ratio
CMRR
VCM = 0.5 V to 2.5 V
100
dB
Power Supply Rejection Ratio
PSRR
100
dB
Large Signal Voltage Gain
AVO
110
dB
Output Voltage Range
RL = 50 kΩ
0.1
+VS − 0.1
V
Short-Circuit Current Limit
IOUT
12
mA
Gain Bandwidth Product
GBP
100
kHz
Slew Rate
SR
0.02
V/µs
Voltage Noise Density (RTI)
en
f = 1 kHz
60
nV/√Hz
Peak-to-Peak Voltage Noise (RTI)
en p-p
f = 0.1 Hz to 10 Hz
6
µV p-p
f = 0.5 Hz to 40 Hz
8
µV p-p



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com