Electronic Components Datasheet Search
  English  ▼

X  

AD8232ACPZ Datasheet(PDF) 1 Page - Analog Devices

Part # AD8232ACPZ
Description  Single-Lead, Heart Rate Monitor Front End
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8232ACPZ Datasheet(HTML) 1 Page - Analog Devices

  AD8232ACPZ Datasheet HTML 1Page - Analog Devices AD8232ACPZ Datasheet HTML 2Page - Analog Devices AD8232ACPZ Datasheet HTML 3Page - Analog Devices AD8232ACPZ Datasheet HTML 4Page - Analog Devices AD8232ACPZ Datasheet HTML 5Page - Analog Devices AD8232ACPZ Datasheet HTML 6Page - Analog Devices AD8232ACPZ Datasheet HTML 7Page - Analog Devices AD8232ACPZ Datasheet HTML 8Page - Analog Devices AD8232ACPZ Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 28 page
background image
Single-Lead, Heart Rate Monitor Front End
Data Sheet
AD8232
Rev. A
Document Feedback
Information furnished by Analog Devices is believed to be accurate and reliable. However, no
responsibilityisassumedbyAnalogDevicesforitsuse,norforanyinfringementsofpatentsorother
rightsofthirdpartiesthatmayresultfromitsuse.Specificationssubjecttochangewithoutnotice.No
license is granted by implication or otherwise under any patent or patent rights of Analog Devices.
Trademarksandregisteredtrademarksarethepropertyoftheirrespectiveowners.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781.329.4700
©2012–2013 Analog Devices, Inc. All rights reserved.
Technical Support
www.analog.com
FEATURES
Fully integrated single-lead ECG front end
Low supply current: 170 µA (typical)
Common-mode rejection ratio: 80 dB (dc to 60 Hz)
Two or three electrode configurations
High signal gain (G = 100) with dc blocking capabilities
2-pole adjustable high-pass filter
Accepts up to ±300 mV of half cell potential
Fast restore feature improves filter settling
Uncommitted op amp
3-pole adjustable low-pass filter with adjustable gain
Leads off detection: ac or dc options
Integrated right leg drive (RLD) amplifier
Single-supply operation: 2.0 V to 3.5 V
Integrated reference buffer generates virtual ground
Rail-to-rail output
Internal RFI filter
8 kV HBM ESD rating
Shutdown pin
20-lead 4 mm × 4 mm LFCSP package
APPLICATIONS
Fitness and activity heart rate monitors
Portable ECG
Remote health monitors
Gaming peripherals
Biopotential signal acquisition
FUNCTIONAL BLOCK DIAGRAM
Figure 1.
GENERAL DESCRIPTION
The AD8232 is an integrated signal conditioning block for ECG
and other biopotential measurement applications. It is designed
to extract, amplify, and filter small biopotential signals in the
presence of noisy conditions, such as those created by motion or
remote electrode placement. This design allows for an ultralow
power analog-to-digital converter (ADC) or an embedded
microcontroller to acquire the output signal easily.
The AD8232 can implement a two-pole high-pass filter for
eliminating motion artifacts and the electrode half-cell potential.
This filter is tightly coupled with the instrumentation architec-
ture of the amplifier to allow both large gain and high-pass
filtering in a single stage, thereby saving space and cost.
An uncommitted operational amplifier enables the AD8232 to
create a three-pole low-pass filter to remove additional noise.
The user can select the frequency cutoff of all filters to suit
different types of applications.
To improve common-mode rejection of the line frequencies
in the system and other undesired interferences, the AD8232
includes an amplifier for driven lead applications, such as right
leg drive (RLD).
The AD8232 includes a fast restore function that reduces the
duration of otherwise long settling tails of the high-pass filters.
After an abrupt signal change that rails the amplifier (such as a
leads off condition), the AD8232 automatically adjusts to a
higher filter cutoff. This feature allows the AD8232 to recover
quickly, and therefore, to take valid measurements soon after
connecting the electrodes to the subject.
The AD8232 is available in a 4 mm × 4 mm, 20-lead LFCSP
package. Performance is specified from 0°C to 70°C and is
operational from −40°C to +85°C.
LOD–
LOD+
AD8232
+VS
GND
OUT
OPAMP–
REFOUT
OPAMP+
SW
REFIN
IAOUT
HPSENSE
HPDRIVE
+IN
–IN
RLD
RLDFB
FR
SDN
AC/DC
LEADS-OFF
DETECTION
10kΩ
10kΩ
150kΩ
S1
S2
20
2
1
3
4
19
18
17
16
15
IA
A3
5
6
7
8
9
A1
10
A2
14
13
12
11
C2
C1


Similar Part No. - AD8232ACPZ

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD8232ACPZ-R7 AD-AD8232ACPZ-R7 Datasheet
652Kb / 28P
Single-Lead, Heart Rate Monitor Front End
REV. A
AD8232ACPZ-R7 AD-AD8232ACPZ-R7 Datasheet
755Kb / 29P
Single-Lead, Heart Rate Monitor Front End
02-Jun-2017
AD8232ACPZ-RL AD-AD8232ACPZ-RL Datasheet
652Kb / 28P
Single-Lead, Heart Rate Monitor Front End
REV. A
AD8232ACPZ-RL AD-AD8232ACPZ-RL Datasheet
755Kb / 29P
Single-Lead, Heart Rate Monitor Front End
02-Jun-2017
AD8232ACPZ-WP AD-AD8232ACPZ-WP Datasheet
652Kb / 28P
Single-Lead, Heart Rate Monitor Front End
REV. A
More results

Similar Description - AD8232ACPZ

ManufacturerPart #DatasheetDescription
logo
Linear Dimensions Semic...
LNDSP16-3A LINEAR_DIMENSIONS-LNDSP16-3A Datasheet
151Kb / 1P
Portable Three Terminal Heart Rate Monitor
logo
Analog Devices
AD8232 AD-AD8232 Datasheet
652Kb / 28P
Single-Lead, Heart Rate Monitor Front End
REV. A
logo
Texas Instruments
AFE4400 TI-AFE4400 Datasheet
1Mb / 69P
Integrated Analog Front-End for Heart Rate Monitors and Low-Cost Pulse Oximeters
logo
Pixart Imaging Inc.
PAH8011ES PIXART-PAH8011ES Datasheet
1Mb / 25P
Low Power Heart Rate Monitor Optical Chip
PAH8011ET PIXART-PAH8011ET Datasheet
1Mb / 23P
Low Power Optical Heart Rate Monitor Chip
logo
Analog Devices
AD8232 AD-AD8232_17 Datasheet
755Kb / 29P
Single-Lead, Heart Rate Monitor Front End
02-Jun-2017
logo
Rohm
BH1790GLC ROHM-BH1790GLC Datasheet
1Mb / 26P
Optical Sensor for Heart Rate Monitor IC
BH1790GLC-EVK-001 ROHM-BH1790GLC-EVK-001 Datasheet
190Kb / 5P
Optical Sensor for Heart Rate Monitor
BH1792GLC ROHM-BH1792GLC Datasheet
2Mb / 31P
Optical Sensor for Heart Rate Monitor IC
BH1792GLC-EVK-001 ROHM-BH1792GLC-EVK-001 Datasheet
802Kb / 4P
Optical Sensor for Heart Rate Monitor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com