Electronic Components Datasheet Search
  English  ▼

X  

ADUM5000 Datasheet(PDF) 13 Page - Analog Devices

Part # ADUM5000
Description  Quad-Channel, 2.5 kV Isolators with Integrated DC-to-DC Converter
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADUM5000 Datasheet(HTML) 13 Page - Analog Devices

Back Button ADUM5000 Datasheet HTML 9Page - Analog Devices ADUM5000 Datasheet HTML 10Page - Analog Devices ADUM5000 Datasheet HTML 11Page - Analog Devices ADUM5000 Datasheet HTML 12Page - Analog Devices ADUM5000 Datasheet HTML 13Page - Analog Devices ADUM5000 Datasheet HTML 14Page - Analog Devices ADUM5000 Datasheet HTML 15Page - Analog Devices ADUM5000 Datasheet HTML 16Page - Analog Devices ADUM5000 Datasheet HTML 17Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 28 page
background image
Data Sheet
ADuM5401/ADuM5402/ADuM5403/ADuM5404
Rev. C | Page 13 of 28
PIN CONFIGURATIONS AND FUNCTION DESCRIPTIONS
VDD1 1
GND1 2
VIA 3
VIB 4
VISO
16
GNDISO
15
VOA
14
VOB
13
VIC 5
VOC
12
VOD 6
VID
11
RCOUT 7
VSEL
10
GND1 8
GNDISO
9
ADuM5401
TOP VIEW
(Not to Scale)
Figure 7. ADuM5401 Pin Configuration
Table 21. ADuM5401 Pin Function Descriptions
Pin No. Mnemonic Description
1
V
DD1
Primary Supply Voltage, 3.0 V to 5.5 V.
2, 8
GND
1
Ground 1. Ground reference for isolator primary. Pin 2 and Pin 8 are internally connected, and it is recommended that
both pins be connected to a common ground.
3
V
IA
Logic Input A.
4
V
IB
Logic Input B.
5
V
IC
Logic Input C.
6
V
OD
Logic Output D.
7
RC
OUT
Regulation Control Output. This pin is connected to the RC
IN pin of a slave isoPower device to allow the ADuM5401 to
control the regulation of the slave device.
9, 15
GND
ISO
Ground Reference for Isolator Side 2. Pin 9 and Pin 15 are internally connected, and it is recommended that both pins
be connected to a common ground.
10
V
SEL
Output Voltage Selection. When V
SEL = VISO, the VISO setpoint is 5.0 V. When VSEL = GNDISO, the VISO setpoint is 3.3 V.
11
V
ID
Logic Input D.
12
V
OC
Logic Output C.
13
V
OB
Logic Output B.
14
V
OA
Logic Output A.
16
V
ISO
Secondary Supply Voltage Output for External Loads, 3.3 V (V
SEL Low) or 5.0 V (VSEL High).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com