Electronic Components Datasheet Search
  English  ▼

X  

ADUM5000 Datasheet(PDF) 17 Page - Analog Devices

Part # ADUM5000
Description  Quad-Channel, 2.5 kV Isolators with Integrated DC-to-DC Converter
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADUM5000 Datasheet(HTML) 17 Page - Analog Devices

Back Button ADUM5000 Datasheet HTML 13Page - Analog Devices ADUM5000 Datasheet HTML 14Page - Analog Devices ADUM5000 Datasheet HTML 15Page - Analog Devices ADUM5000 Datasheet HTML 16Page - Analog Devices ADUM5000 Datasheet HTML 17Page - Analog Devices ADUM5000 Datasheet HTML 18Page - Analog Devices ADUM5000 Datasheet HTML 19Page - Analog Devices ADUM5000 Datasheet HTML 20Page - Analog Devices ADUM5000 Datasheet HTML 21Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 28 page
background image
Data Sheet
ADuM5401/ADuM5402/ADuM5403/ADuM5404
Rev. C | Page 17 of 28
TYPICAL PERFORMANCE CHARACTERISTICS
0
5
10
15
20
25
30
35
40
0
0.02
0.04
0.06
0.08
0.10
0.12
OUTPUT CURRENT (A)
3.3V INPUT/3.3V OUTPUT
5V INPUT/3.3V OUTPUT
5V INPUT/5V OUTPUT
Figure 11. Typical Power Supply Efficiency at 5 V Input/5 V Output
and 3.3 V Input/3.3 V Output
0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1.0
0
0.02
0.04
0.06
0.08
0.10
0.12
IISO (A)
VDD1 = 5V, VISO = 5V
VDD1 = 5V, VISO = 3.3V
VDD1 = 3.3V, VISO = 3.3V
Figure 12. Typical Total Power Dissipation vs. Isolated Output Supply Current
in All Supported Power Configurations
0
0.02
0.04
0.06
0.08
0.10
0.12
0
0.05
0.10
0.15
0.20
0.25
0.35
0.30
INPUT CURRENT (A)
3.3V INPUT/3.3V OUTPUT
5V INPUT/3.3V OUTPUT
5V INPUT/5V OUTPUT
Figure 13. Typical Isolated Output Supply Current vs. Input Current
in All Supported Power Configurations
0
0 .5
1.0
1 .5
2.0
2 .5
3.0
3 .5
4.0
0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
3.0
3 .5
4.0
4 .5
5.0
5.5
6.0
6.5
INPUT SUPPLY VOLTAGE (V)
IDD
POWER
Figure 14. Typical Short-Circuit Input Current and Power
vs. VDD1 Supply Voltage
(100µs/DIV)
10% LOAD
90% LOAD
Figure 15. Typical VISO Transient Load Response, 5 V Output,
10% to 90% Load Step
(100µs/DIV)
10% LOAD
90% LOAD
Figure 16. Typical VISO Transient Load Response, 3.3 V Output,
10% to 90% Load Step



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com