Electronic Components Datasheet Search
  English  ▼

X  

ADUM5000 Datasheet(PDF) 2 Page - Analog Devices

Part # ADUM5000
Description  Quad-Channel, 2.5 kV Isolators with Integrated DC-to-DC Converter
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADUM5000 Datasheet(HTML) 2 Page - Analog Devices

  ADUM5000 Datasheet HTML 1Page - Analog Devices ADUM5000 Datasheet HTML 2Page - Analog Devices ADUM5000 Datasheet HTML 3Page - Analog Devices ADUM5000 Datasheet HTML 4Page - Analog Devices ADUM5000 Datasheet HTML 5Page - Analog Devices ADUM5000 Datasheet HTML 6Page - Analog Devices ADUM5000 Datasheet HTML 7Page - Analog Devices ADUM5000 Datasheet HTML 8Page - Analog Devices ADUM5000 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 28 page
background image
ADuM5401/ADuM5402/ADuM5403/ADuM5404
Data Sheet
Rev. C | Page 2 of 28
TABLE OF CONTENTS
Features .............................................................................................. 1
 
Applications....................................................................................... 1
 
General Description ......................................................................... 1
 
Functional Block Diagrams............................................................. 1
 
Revision History ............................................................................... 3
 
Specifications..................................................................................... 4
 
Electrical Characteristics—5 V Primary Input Supply/
5 V Secondary Isolated Supply ................................................... 4
 
Electrical Characteristics—3.3 V Primary Input Supply/
3.3 V Secondary Isolated Supply ................................................ 6
 
Electrical Characteristics—5 V Primary Input Supply/
3.3 V Secondary Isolated Supply ................................................ 8
 
Package Characteristics ............................................................. 10
 
Regulatory Information............................................................. 10
 
Insulation and Safety-Related Specifications.......................... 10
 
IEC 60747-5-2 (VDE 0884, Part 2):2003-01 Insulation
Characteristics ............................................................................ 11
 
Recommended Operating Conditions .................................... 11
 
Absolute Maximum Ratings.......................................................... 12
 
ESD Caution................................................................................ 12
 
Pin Configurations and Function Descriptions ......................... 13
 
Truth Table .................................................................................. 16
 
Typical Performance Characteristics ........................................... 17
 
Terminology .................................................................................... 20
 
Applications Information .............................................................. 21
 
PCB Layout ................................................................................. 21
 
Thermal Analysis ....................................................................... 21
 
Propagation Delay-Related Parameters................................... 22
 
Start-Up Behavior....................................................................... 22
 
EMI Considerations................................................................... 22
 
DC Correctness and Magnetic Field Immunity.......................... 22
 
Power Consumption .................................................................. 23
 
Power Considerations................................................................ 24
 
Increasing Available Power ....................................................... 24
 
Insulation Lifetime ..................................................................... 25
 
Outline Dimensions ....................................................................... 26
 
Ordering Guide .......................................................................... 26



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com