Electronic Components Datasheet Search
  English  ▼

X  

OP37GPZ Datasheet(PDF) 10 Page - Analog Devices

Part # OP37GPZ
Description  Low Noise, Precision, High Speed tional Amplifier
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

OP37GPZ Datasheet(HTML) 10 Page - Analog Devices

Back Button OP37GPZ Datasheet HTML 6Page - Analog Devices OP37GPZ Datasheet HTML 7Page - Analog Devices OP37GPZ Datasheet HTML 8Page - Analog Devices OP37GPZ Datasheet HTML 9Page - Analog Devices OP37GPZ Datasheet HTML 10Page - Analog Devices OP37GPZ Datasheet HTML 11Page - Analog Devices OP37GPZ Datasheet HTML 12Page - Analog Devices OP37GPZ Datasheet HTML 13Page - Analog Devices OP37GPZ Datasheet HTML 14Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 16 page
background image
REV. B
OP37
–10–
OP12
OP37
D.U.T.
100k
4.3k
4.7 F
2k
24.3k
VOLTAGE
GAIN
= 50,000
2.2 F
22 F
110k
SCOPE
1
RIN = 1M
0.1 F
10
100k
0.1 F
TPC 28. Noise Test Circuit (0.1 Hz to
10 Hz)
FREQUENCY – Hz
140
1
TA = 25 C
120
100
80
60
40
20
0
10
100
1k
10k 100k 1M
10M 100M
160
POSITIVE
SWING
NEGATIVE
SWING
TPC 31. PSRR vs. Frequency
1 SEC/DIV
TPC 29. Low-Frequency Noise
LOAD RESISTANCE –
19
100
1k
10k
100k
TA = 25 C
VS = 15V
AV = 5
VO = 20V p-p
18
17
16
15
TPC 32. Slew Rate vs. Load
LOAD RESISTANCE –
2.4
100
1k
10k
100k
TA = 25 C
VS = 15V
2.2
2.0
1.8
1.6
1.4
1.2
1.0
0.8
0.6
0.4
TPC 30. Open-Loop Voltage Gain vs.
Load Resistance
SUPPLY VOLTAGE – Volts
20
3
15
10
5
0
TA = 25 C
AVCL = 5
6
9
12
15
18
21
FALL
RISE
TPC 33. Slew Rate vs. Supply Voltage



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com