Electronic Components Datasheet Search
  English  ▼

X  

OP37GPZ Datasheet(PDF) 11 Page - Analog Devices

Part # OP37GPZ
Description  Low Noise, Precision, High Speed tional Amplifier
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

OP37GPZ Datasheet(HTML) 11 Page - Analog Devices

Back Button OP37GPZ Datasheet HTML 7Page - Analog Devices OP37GPZ Datasheet HTML 8Page - Analog Devices OP37GPZ Datasheet HTML 9Page - Analog Devices OP37GPZ Datasheet HTML 10Page - Analog Devices OP37GPZ Datasheet HTML 11Page - Analog Devices OP37GPZ Datasheet HTML 12Page - Analog Devices OP37GPZ Datasheet HTML 13Page - Analog Devices OP37GPZ Datasheet HTML 14Page - Analog Devices OP37GPZ Datasheet HTML 15Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 16 page
background image
REV. B
OP37
–11–
APPLICATIONS INFORMATION
OP37 Series units may be inserted directly into 725 and OP07
sockets with or without removal of external compensation or
nulling components. Additionally, the OP37 may be fitted to
unnulled 741type sockets; however, if conventional 741 nulling
circuitry is in use, it should be modified or removed to ensure
correct OP37 operation. OP37 offset voltage may be nulled to
zero (or other desired setting) using a potentiometer (see figure 1).
The OP37 provides stable operation with load capacitances of
up to 1000 pF and
±10 V swings; larger capacitances should be
decoupled with a 50
W resistor inside the feedback loop. Closed
loop gain must be at least five. For closed loop gain between five
to ten, the designer should consider both the OP27 and the OP37.
For gains above ten, the OP37 has a clear advantage over the
unity stable OP27.
Thermoelectric voltages generated by dissimilar metals at the input
terminal contacts can degrade the drift performance. Best
operation will be obtained when both input contacts are main-
tained at the same temperature.
10k
RP
OP37
V+
OUTPUT
V–
+
–
Figure 1. Offset Nulling Circuit
Offset Voltage Adjustment
The input offset voltage of the OP37 is trimmed at wafer level.
However, if further adjustment of VOS is necessary, a 10 k
W trim
potentiometer may be used. TCVOS is not degraded (see offset
nulling circuit). Other potentiometer values from 1 k
W to 1 MW
can be used with a slight degradation (0.1
mV/∞C to 0.2 mV/∞C) of
TCVOS. Trimming to a value other than zero creates a drift of
approximately (VOS/300)
mV/∞C. For example, the change in TCVOS
will be 0.33
mV/∞C if VOS is adjusted to 100 mV. The offset voltage
adjustment range with a 10 k
W potentiometer is ±4 mV. If smaller
adjustment range is required, the nulling sensitivity can be reduced
by using a smaller pot in conjunction with fixed resistors. For
example, the network shown in figure 2 will have a
±280 mV ad-
justment range.
1
8
4.7k
4.7k
1k
POT
V+
Figure 2. Offset Voltage Adjustment
OP37
–18V
+18V
Figure 3. Burn-In Circuit
Noise Measurements
To measure the 80 nV peak-to-peak noise specification of the
OP37 in the 0.1 Hz to 10 Hz range, the following precautions
must be observed:
∑ The device has to be warmed-up for at least five minutes. As
shown in the warm-up drift curve, the offset voltage typically
changes 4
mV due to increasing chip temperature after power up.
In the ten second measurement interval, these temperature-
induced effects can exceed tens of nanovolts.
∑ For similar reasons, the device has to be well-shielded from
air currents. Shielding minimizes thermocouple effects.
∑ Sudden motion in the vicinity of the device can also
“feedthrough” to increase the observed noise.
∑ The test time to measure 0.1 Hz to l0 Hz noise should not
exceed 10 seconds. As shown in the noise-tester frequency
response curve, the 0.1 Hz corner is defined by only one zero.
The test time of ten seconds acts as an additional zero to eliminate
noise contributions from the frequency band below 0.1 Hz.
∑ A noise-voltage-density test is recommended when measuring
noise on a large number of units. A 10 Hz noise-voltage-density
measurement will correlate well with a 0.1 Hz-to-10 Hz peak-to-peak
noise reading, since both results are determined by the white
noise and the location of the 1/f corner frequency.
Optimizing Linearity
Best linearity will be obtained by designing for the minimum
output current required for the application. High gain and
excellent linearity can be achieved by operating the op amp with
a peak output current of less than
±10 mA.
Instrumentation Amplifier
A three-op-amp instrumentation amplifier, shown in figure 4,
provides high gain and wide bandwidth. The input noise of the
circuit below is 4.9 nV/
÷Hz. The gain of the input stage is set at
25 and the gain of the second stage is 40; overall gain is 1000.
The amplifier bandwidth of 800 kHz is extraordinarily good for
a precision instrumentation amplifier. Set to a gain of 1000, this
yields a gain bandwidth product of 800 MHz. The full-power
bandwidth for a 20 V p-p output is 250 kHz. Potentiometer
R7 provides quadrature trimming to optimize the instrumentation
amplifier’s ac common-mode rejection.
R7
100k
C1
100pF
R1
5k
0.1%
R3
390
R2
100
R4
5k
0.1%
INPUT (+)
INPUT (–)
R5
500
0.1%
R6
500
0.1%
R8
20k
0.1%
R9
19.8k
R10
500
VOUT
NOTES:
TRIM R2 FOR AVCL = 1000
TRIM R10 FOR dc CMRR
TRIM R7 FOR MINIMUM V OUT AT VCM = 20V p-p, 10kHz
OP37
+
–
OP37
+
–
OP37
Figure 4a. Instrumentation Amplifier



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com