Electronic Components Datasheet Search
  English  ▼

X  

OP37GPZ Datasheet(PDF) 14 Page - Analog Devices

Part # OP37GPZ
Description  Low Noise, Precision, High Speed tional Amplifier
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

OP37GPZ Datasheet(HTML) 14 Page - Analog Devices

Back Button OP37GPZ Datasheet HTML 8Page - Analog Devices OP37GPZ Datasheet HTML 9Page - Analog Devices OP37GPZ Datasheet HTML 10Page - Analog Devices OP37GPZ Datasheet HTML 11Page - Analog Devices OP37GPZ Datasheet HTML 12Page - Analog Devices OP37GPZ Datasheet HTML 13Page - Analog Devices OP37GPZ Datasheet HTML 14Page - Analog Devices OP37GPZ Datasheet HTML 15Page - Analog Devices OP37GPZ Datasheet HTML 16Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 14 / 16 page
background image
REV. B
OP37
–14–
OP37 are free of bias-current transients upon power up or power
down. However, it is always advantageous to control the speed
of power supply rise and fall, to eliminate transients.
In addition, the dc resistance of the head should be carefully
controlled, and preferably below 1 k
W. For this configuration,
the bias-current induced offset voltage can be greater than the
170 pV maximum offset if the head resistance is not sufficiently
controlled.
A simple, but effective, fixed-gain transformerless microphone
preamp (Figure 10) amplifies differential signals from low imped-
ance microphones by 50 dB, and has an input impedance of 2 k
W.
Because of the high working gain of the circuit, an OP37 helps
to preserve bandwidth, which will be 110 kHz. As the OP37 is a
decompensated device (minimum stable gain of 5), a dummy
resistor, RP, may be necessary, if the microphone is to be
unplugged. Otherwise the 100% feedback from the open input
may cause the amplifier to oscillate.
OP37
+
–
R3
316k
Rp
30k
R1
1k
R4
316k
R2
1k
R7
10k
R6
100
OUTPUT
R3
R1
R4
R2
=
LOW IMPEDANCE
MICROPHONE INPUT
(Z = 50
TO 200
)
C1
5 F
Figure 10. Fixed Gain Transformerless Microphone
Preamp
Common-mode input-noise rejection will depend upon the match
of the bridge-resistor ratios. Either close-tolerance (0.1%) types
should be used, or R4 should be trimmed for best CMRR. All
resistors should be metal-film types for best stability and low noise.
Noise performance of this circuit is limited more by the input
resistors R1 and R2 than by the op amp, as R1 and R2 each
generate a 4 nV/
÷Hz noise, while the op amp generates a 3.2 nV/
÷Hz noise. The rms sum of these predominant noise sources will
be about 6 nV/
÷Hz, equivalent to 0.9 mV in a 20 kHz noise band-
width, or nearly 61 dB below a l mV input signal. Measurements
confirm this predicted performance.
For applications demanding appreciably lower noise, a high quality
microphone-transformer-coupled preamp (Figure 11) incorporates
the internally compensated. T1 is a JE-115K-E 150
W/15 kW
transformer which provides an optimum source resistance for
the OP27 device. The circuit has an overall gain of 40 dB, the
product of the transformer’s voltage setup and the op amp’s
voltage gain.
Gain may be trimmed to other levels, if desired, by adjusting R2
or R1. Because of the low offset voltage of the OP27, the output
offset of this circuit will be very low, 1.7 mV or less, for a 40 dB
gain. The typical output blocking capacitor can be eliminated in
such cases, but is desirable for higher gains to eliminate switching
transients.
A1
OP27
R3
100
R1
121
R2
1100
C2
1800pF
OUTPUT
150
SOURCE
T1*
T1 – JENSEN JE – 115K – E
JENSEN TRANSFORMERS
10735 BURBANK BLVD.
N. HOLLYWOOD, CA 91601
*
Figure 11. Microphone Transformer Coupled Preamp
Capacitor C2 and resistor R2 form a 2
ms time constant in this
circuit, as recommended for optimum transient response by
the transformer manufacturer. With C2 in use, A1 must have
unity-gain stability. For situations where the 2
ms time con-
stant is not necessary, C2 can be deleted, allowing the faster
OP37 to be employed.
Some comment on noise is appropriate to understand the
capability of this circuit. A 150
W resistor and R1 and R2 gain
resistors connected to a noiseless amplifier will generate 220 nV
of noise in a 20 kHz bandwidth, or 73 dB below a 1 mV reference
level. Any practical amplifier can only approach this noise level;
it can never exceed it. With the OP27 and T1 specified, the
additional noise degradation will be close to 3.6 dB (or –69.5
referenced to 1 mV).
References
1. Lipshitz, S.P, “On RIAA Equalization Networks,” JAES, Vol. 27, June 1979,
p. 458-4S1.
2. Jung, W.G., IC Op Amp Cookbook, 2nd Ed., H.W. Sams and Company,
1980.
3. Jung, W.G., Audio /C Op Amp Applications, 2nd Ed., H.W. Sams and Com-
pany, 1978.
4. Jung, W.G., and Marsh, R.M., “Picking Capacitors.” Audio, February &
March, 1980.
5. Otala, M., “Feedback-Generated Phase Nonlinearity in Audio Amplifiers,”
London AES Convention, March 1980, preprint 197B.
6. Stout, D.F., and Kaufman, M., Handbook of Operational Amplifier Circuit
Design, New York, McGraw Hill, 1976.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com