Electronic Components Datasheet Search
  English  ▼

X  

UU240F Datasheet(PDF) 19 Page - Cree, Inc

Part # UU240F
Description  LED array expands Crees family of high flux, multi die integrated arrays
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CREE [Cree, Inc]
Direct Link  http://www.cree.com/
Logo CREE - Cree, Inc

UU240F Datasheet(HTML) 19 Page - Cree, Inc

Back Button UU240F Datasheet HTML 11Page - Cree, Inc UU240F Datasheet HTML 12Page - Cree, Inc UU240F Datasheet HTML 13Page - Cree, Inc UU240F Datasheet HTML 14Page - Cree, Inc UU240F Datasheet HTML 15Page - Cree, Inc UU240F Datasheet HTML 16Page - Cree, Inc UU240F Datasheet HTML 17Page - Cree, Inc UU240F Datasheet HTML 18Page - Cree, Inc UU240F Datasheet HTML 19Page - Cree, Inc  
Zoom Inzoom in Zoom Outzoom out
 19 / 19 page
background image
Copyright © 2013 Cree, Inc. All rights reserved. The information in this document is subject to change without notice. Cree®, the Cree logo, XLamp® and EasyWhite® are registered
trademarks of Cree, Inc.
19
XLamp CXa2540 LED
Packaging
Cree CXA2540 LeDs are packaged in trays of 20. Five trays are sealed in an anti-static bag and placed inside a carton,
for a total of 100 LeDs per carton. each carton contains 100 LeDs from the same performance bin.
Dimensions are in inches.
Tolerances:
.x + .1
.xx + .05
.xxx + .005
x° + 1°
SIZE
TITLE
OF
REV.
SHEET
C
DRAWING NO.
DATE
DATE
DATE
CHECK
FINAL PROTECTIVE FINISH
MATERIAL
APPROVED
DRAWN BY
THIRD ANGLE PROJECTION
.X
±
0.1
X°
±
2 °
.XXX ±
.010
.XX ±
.03
.X
±
.06
FOR SHEET METAL PARTS ONLY
.XX ±
.05
.XXX ±
.005
X°
±
1 °
UNLESS OTHERWISE SPECIFIED
DIMENSIONS ARE IN
MILLIMETERS & BEFORE FINISH.
TOLERANCE UNLESS SPECIFIED:
SCALE
A
B
C
D
1
2
3
4
5
6
6
5
4
3
2
1
A
B
C
D
Phone (919) 361-4770
Fax (919) 313-5303
4600 Silicon Drive
Durham, N.C 27703
UNAUTHORIZED PERSON WITHOUTTHE WRITTEN CONSENT
MAY NOT BE COPIED, REPRODUCED OR DISCLOSED TO ANY
CONFIDENTIAL INFORMATION OF CREE, INC. THIS PLOT
CONTAINED WITHIN ARE THE PROPRIETARY AND
CREE CONFIDENTIAL. THIS PLOT AND THE INFORMATION
OF CREE INC.
NOTICE
7.625
7.125
R.375
1.188
1.188
.38
1
/
1
0.500
A
CXA25XX_DATASHEET_BAG2013
CXA25XX_DATASHEET
LABEL WITH CREE
BIN CODE, QTY, LOT#
LABEL WITH CREE
BIN CODE, QTY, LOT#
BAG
LABEL WITH CREE
BIN CODE, QTY, LOT#
PATENT LABEL
IS LOCATED ON UNDERSIDE OF
CARTON
SIZE
TITLE
OF
REV.
SHEET
C
DRAWING NO.
DATE
DATE
DATE
CHECK
FINAL PROTECTIVE FINISH
MATERIAL
APPROVED
DRAWN BY
THIRD ANGLE PROJECTION
.X
±
0.1
X°
±
2 °
.XXX ±
.010
.XX ±
.03
.X
±
.06
FOR SHEET METAL PARTS ONLY
.XX ±
.05
.XXX ±
.005
X°
±
1 °
UNLESS OTHERWISE SPECIFIED
DIMENSIONS ARE IN
MILLIMETERS & BEFORE FINISH.
TOLERANCE UNLESS SPECIFIED:
SCALE
A
B
C
D
1
2
3
4
5
6
6
5
4
3
2
1
A
B
C
D
Phone (919) 361-4770
Fax (919) 313-5303
4600 Silicon Drive
Durham, N.C 27703
UNAUTHORIZED PERSON WITHOUTTHE WRITTEN CONSENT
MAY NOT BE COPIED, REPRODUCED OR DISCLOSED TO ANY
CONFIDENTIAL INFORMATION OF CREE, INC. THIS PLOT
CONTAINED WITHIN ARE THE PROPRIETARY AND
CREE CONFIDENTIAL. THIS PLOT AND THE INFORMATION
OF CREE INC.
NOTICE
7.625
7.125
R.375
1.188
1.188
.38
1
/
1
0.500
A
CXA25XX_DATASHEET_BAG2013
CXA25XX_DATASHEET
LABEL WITH CREE
BIN CODE, QTY, LOT#
LABEL WITH CREE
BIN CODE, QTY, LOT#
BAG
LABEL WITH CREE
BIN CODE, QTY, LOT#
PATENT LABEL
IS LOCATED ON UNDERSIDE OF
CARTON
SIZE
TITLE
OF
REV.
SHEET
C
DRAWING NO.
DATE
DATE
DATE
CHECK
FINAL PROTECTIVE FINISH
MATERIAL
APPROVED
DRAWN BY
THIRD ANGLE PROJECTION
.X
±
0.1
X°
±
2 °
.XXX ±
.010
.XX ±
.03
.X
±
.06
FOR SHEET METAL PARTS ONLY
.XX ±
.05
.XXX ±
.005
X°
±
1 °
UNLESS OTHERWISE SPECIFIED
DIMENSIONS ARE IN
MILLIMETERS & BEFORE FINISH.
TOLERANCE UNLESS SPECIFIED:
SCALE
A
B
C
D
1
2
3
4
5
6
6
5
4
3
2
1
A
B
C
D
Phone (919) 361-4770
Fax (919) 313-5303
4600 Silicon Drive
Durham, N.C 27703
UNAUTHORIZED PERSON WITHOUTTHE WRITTEN CONSENT
MAY NOT BE COPIED, REPRODUCED OR DISCLOSED TO ANY
CONFIDENTIAL INFORMATION OF CREE, INC. THIS PLOT
CONTAINED WITHIN ARE THE PROPRIETARY AND
CREE CONFIDENTIAL. THIS PLOT AND THE INFORMATION
OF CREE INC.
NOTICE
7.625
7.125
R.375
1.188
1.188
.38
1
/
1
0.500
A
CXA25XX_DATASHEET_BAG2013
CXA25XX_DATASHEET
LABEL WITH CREE
BIN CODE, QTY, LOT#
LABEL WITH CREE
BIN CODE, QTY, LOT#
BAG
LABEL WITH CREE
BIN CODE, QTY, LOT#
PATENT LABEL
IS LOCATED ON UNDERSIDE OF
CARTON
SIZE
TITLE
OF
REV.
SHEET
C
DRAWING NO.
DATE
DATE
DATE
CHECK
FINAL PROTECTIVE FINISH
MATERIAL
APPROVED
DRAWN BY
THIRD ANGLE PROJECTION
.X
±
0.1
X°
±
2 °
.XXX ±
.010
.XX ±
.03
.X
±
.06
FOR SHEET METAL PARTS ONLY
.XX ±
.05
.XXX ±
.005
X°
±
1 °
UNLESS OTHERWISE SPECIFIED
DIMENSIONS ARE IN
MILLIMETERS & BEFORE FINISH.
TOLERANCE UNLESS SPECIFIED:
SCALE
A
B
C
D
1
2
3
4
5
6
6
5
4
3
2
1
A
B
C
D
Phone (919) 361-4770
Fax (919) 313-5303
4600 Silicon Drive
Durham, N.C 27703
UNAUTHORIZED PERSON WITHOUTTHE WRITTEN CONSENT
MAY NOT BE COPIED, REPRODUCED OR DISCLOSED TO ANY
CONFIDENTIAL INFORMATION OF CREE, INC. THIS PLOT
CONTAINED WITHIN ARE THE PROPRIETARY AND
CREE CONFIDENTIAL. THIS PLOT AND THE INFORMATION
OF CREE INC.
NOTICE
7.625
7.125
R.375
1.188
1.188
.38
1
/
1
0.500
A
CXA25XX_DATASHEET_BAG2013
CXA25XX_DATASHEET
LABEL WITH CREE
BIN CODE, QTY, LOT#
LABEL WITH CREE
BIN CODE, QTY, LOT#
BAG
LABEL WITH CREE
BIN CODE, QTY, LOT#
PATENT LABEL
IS LOCATED ON UNDERSIDE OF
CARTON



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com