Electronic Components Datasheet Search
  English  ▼

X  

UU240F Datasheet(PDF) 1 Page - Cree, Inc

Part # UU240F
Description  LED array expands Crees family of high flux, multi die integrated arrays
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CREE [Cree, Inc]
Direct Link  http://www.cree.com/
Logo CREE - Cree, Inc

UU240F Datasheet(HTML) 1 Page - Cree, Inc

  UU240F Datasheet HTML 1Page - Cree, Inc UU240F Datasheet HTML 2Page - Cree, Inc UU240F Datasheet HTML 3Page - Cree, Inc UU240F Datasheet HTML 4Page - Cree, Inc UU240F Datasheet HTML 5Page - Cree, Inc UU240F Datasheet HTML 6Page - Cree, Inc UU240F Datasheet HTML 7Page - Cree, Inc UU240F Datasheet HTML 8Page - Cree, Inc UU240F Datasheet HTML 9Page - Cree, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 19 page
background image
Product family data sheet
Copyright © 2013 Cree, Inc. All rights reserved. The information in this document is subject to change without notice. Cree®, the Cree
logo, XLamp® and easyWhite® are registered trademarks of Cree, Inc.
Cree, Inc.
4600 Silicon Drive
Durham, NC 27703
USA Tel: +1.919.313.5300
cree
® Xlamp® cXa2540 led
Product descriPtion
The XLamp CXA2540 LeD array
expands Cree’s family of high‑flux,
multi-die
integrated
arrays,
offering
high
performance
in
an easy-to-use platform. With
XLamp
lighting-class
reliability,
the CXA2540’s uniform emitting
surface enables both directional
and
non-directional
lighting
applications and luminaire and
lamp designs. Available in 2-step
and 4-step color consistency, and
featuring a 19-mm optical source,
the CXA2540 brings new levels of
flux and efficacy to this form factor.
features
• Available in ANSI white bins
as well as 4-step and 2-step
easyWhite® bins at 2700 K,
3000 K, 3500 K, 4000 K and
5000 K CCT
• Available in ANSI white bins as
well as 4-step easyWhite bins at
5700 K and 6500 K CCT
• Available in 70-, 80-, 90- and
93-minimum CRI options
• Forward voltage: 37 v
• 85 °C binning and
characterization
• maximum drive current:
2100 mA
• 115° viewing angle, uniform
chromaticity profile
• Top-side solder connections
• Thermocouple attach point
• NEMA SSL‑3 2011 standard flux
bins
• mechanical and optical footprint
consistent with CXA2520 and
CXA2530
• RoHS- and ReACh-compliant
• UL-recognized component
(e349212)
table of contents
Characteristics .............................. 2
operating Limits............................ 2
Flux Characteristics, easyWhite
order Codes and Bins .................... 3
Flux Characteristics, ANSI White
order Codes and Bins .................... 6
Relative Spectral power Distribution . 9
electrical Characteristics................. 9
Relative Luminous Flux..................10
Typical Spatial Distribution.............11
performance Groups - Brightness....11
performance Groups - Chromaticity.12
Cree easyWhite Bins plotted on the
1931 CIe Color Space ...................14
Cree ANSI White Bins plotted on
the 1931 CIe Color Space ..............15
Bin and order Code Formats ..........16
mechanical Dimensions..................16
Thermal Design............................17
Notes..........................................18
packaging....................................19


Similar Part No. - UU240F

ManufacturerPart #DatasheetDescription
logo
FERYSTER Inductive Comp...
UU21-K-DS FERYSTER-UU21-K-DS Datasheet
235Kb / 1P
PHOSPHOR BRONZE
UU21-K-SS FERYSTER-UU21-K-SS Datasheet
554Kb / 1P
PHOSPHOR BRONZE
logo
Unisonic Technologies
UU28121G-AF5-R UTC-UU28121G-AF5-R Datasheet
238Kb / 6P
CMOS IC
UU28141G-AG6-R UTC-UU28141G-AG6-R Datasheet
175Kb / 5P
CMOS IC
More results

Similar Description - UU240F

ManufacturerPart #DatasheetDescription
logo
OptoDiode Corp
OD-405-99-110 OPTODIODE-OD-405-99-110 Datasheet
249Kb / 2P
99 DIE LED ARRAY
OD-405-60-040 OPTODIODE-OD-405-60-040 Datasheet
266Kb / 2P
60 DIE LED ARRAY
logo
Cree, Inc
CXA1304-0000-000C00B450H CREE-CXA1304-0000-000C00B450H Datasheet
1Mb / 25P
CXA1304 LED array expands Crees family of high flux, multi die arrays in a smaller
Rev 2
CXA1816-0000-000N00P250H CREE-CXA1816-0000-000N00P250H Datasheet
1Mb / 17P
CXA1816 LED array expands Crees family of high flux, multi die arrays in a smaller
Rev 2
CXA1820 CREE-CXA1820 Datasheet
1Mb / 15P
LED array expands Cree?셲 family of high?멹lux, multi-die arrays
Rev 0A
CXA1830 CREE-CXA1830 Datasheet
1Mb / 14P
LED array expands Crees family of high flux, multi die arrays in a smaller
Rev 0
CXA3050 CREE-CXA3050 Datasheet
1Mb / 17P
LED array expands Crees family of high flux, multi die integrated arrays
Rev 3
CXA3070 CREE-CXA3070 Datasheet
1Mb / 14P
LED array expands Crees family of high flux, multi die integrated arrays
Rev 0
CXA1507 CREE-CXA1507_13 Datasheet
1Mb / 17P
LED array expands Crees family of high flux, multi die arrays in a smaller
Rev 5
logo
Xilinx, Inc
XC5000 XILINX-XC5000 Datasheet
432Kb / 48P
High-density family of Field-Programmable Gate Arrays
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com