Electronic Components Datasheet Search
  English  ▼

X  

UU240F Datasheet(PDF) 2 Page - Cree, Inc

Part # UU240F
Description  LED array expands Crees family of high flux, multi die integrated arrays
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CREE [Cree, Inc]
Direct Link  http://www.cree.com/
Logo CREE - Cree, Inc

UU240F Datasheet(HTML) 2 Page - Cree, Inc

  UU240F Datasheet HTML 1Page - Cree, Inc UU240F Datasheet HTML 2Page - Cree, Inc UU240F Datasheet HTML 3Page - Cree, Inc UU240F Datasheet HTML 4Page - Cree, Inc UU240F Datasheet HTML 5Page - Cree, Inc UU240F Datasheet HTML 6Page - Cree, Inc UU240F Datasheet HTML 7Page - Cree, Inc UU240F Datasheet HTML 8Page - Cree, Inc UU240F Datasheet HTML 9Page - Cree, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 19 page
background image
Copyright © 2013 Cree, Inc. All rights reserved. The information in this document is subject to change without notice. Cree®, the Cree logo, XLamp® and EasyWhite® are registered
trademarks of Cree, Inc.
2
XLamp CXa2540 LED
characteristics
characteristics
unit
minimum
typical
maximum
viewing angle (FWHm)
degrees
115
eSD withstand voltage (HBm per mil-Std-883D)
v
8000
DC forward current
mA
2100*
Reverse current
mA
0.1
Forward voltage (@ 1100 mA, T
j = 85 °C)
v
37
Forward voltage (@ 1100 mA, T
j = 25 °C)
v
42
*
Refer to the operating Limits section.
oPerating limits
The maximum current rating of the CXA2540 is dependent on the case temperature (Tc) when the LeD has reached
thermal equilibrium under steady-state operation. please refer to the mechanical Drawings section on page 16 for the
location of the Tc measurement point.
CXA2540
0
300
600
900
1200
1500
1800
2100
2400
0
25
50
75
100
125
150
Case Temperature (°C)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com