Electronic Components Datasheet Search
  English  ▼

X  

175289-2 Datasheet(PDF) 49 Page - List of Unclassifed Manufacturers

Part # 175289-2
Description  T E CON N E C T I V I T Y AT YOU R S E R V I C E
PDF  236 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

175289-2 Datasheet(HTML) 49 Page - List of Unclassifed Manufacturers

Back Button 175289-2 Datasheet HTML 45Page - List of Unclassifed Manufacturers 175289-2 Datasheet HTML 46Page - List of Unclassifed Manufacturers 175289-2 Datasheet HTML 47Page - List of Unclassifed Manufacturers 175289-2 Datasheet HTML 48Page - List of Unclassifed Manufacturers 175289-2 Datasheet HTML 49Page - List of Unclassifed Manufacturers 175289-2 Datasheet HTML 50Page - List of Unclassifed Manufacturers 175289-2 Datasheet HTML 51Page - List of Unclassifed Manufacturers 175289-2 Datasheet HTML 52Page - List of Unclassifed Manufacturers 175289-2 Datasheet HTML 53Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 236 page
background image
Verbindlich für Toleranzen der Abmessungen und technische Werte sind ausschließlich die neuesten TE Connectivity Kundenzeichnungen bzw. Produkt-Spezifikationen, die Sie auf Anfrage erhalten.
All specifications subject to change. Consult TE Connectivity for latest design specifications.
HTS Industrie Steckverbinder
HTS Heavy Duty Connectors
47
Bezeichnung
Description
2-1103100-3
2-1103102-3
2-1103104-3
2-1103101-3
2-1103103-3
2-1103105-3
HN.D.7.Sti.C.250V
HN.D.7.Sti.C.42V*
HN.D.7.Bu.C.250V
HN.D.7.Bu.C.42V*
HN.D.8.Sti.C.42V*
HN.D.8.Bu.C.42V*
Bestell-Nr./Order No.
Stifteinsatz
Buchseneinsatz
Male insert
Female insert
Bestelltext
Designation
HN.D.7/HN.D.8 Kontakteinsätze/Contact inserts
Baugröße/Size 1
Crimpanschluss für gedrehte HN.D Crimpkontakte
Crimp terminal for screw machined HN.D crimp contacts
Kontaktzahlen
No. of contacts
250 V/10 A / 42* V/10 A
7/8 +
Passende Crimpkontakte siehe Seite 34, Passende Crimpwerkzeuge siehe Seite 34
Suitable Crimp contacts see page 34, Suitable Crimping tools see page 34
Maßbild mm
Dimensions mm
20,6
M3x6
34
Isolierhülle*
Insolation
67
5 1
2
4
3
16,9
M3x6
31,5
Isolierhülle*
Insolation
6
7
5
1
2
4
3
20,6
M3x6
34
Isolierhülle*
Insolation
67
5 1
2
4
3
16,9
M3x6
31,5
Isolierhülle*
Insolation
6
7
5
1
2
4
3
Stifteinsatz/Male insert
Buchseneinsatz/Female insert
Crimpanschluss/Crimp terminal
Kontaktanordnung Anschlußseite Stift
Contact arrangement Male insert
Kontaktanordnung Anschlußseite Buchse
Contact arrangement Female insert
Isolierhülle nur für Variante 250V
Insolation only for 250V insert
*Einschränkung der Nennspannung (42 V) nur bei Verwendung von Metallgehäusen wie Serie
HA.3. Bei Verwendung von Kunststoffgehäusen (Serie HD.7) beträgt die Nennspannung 250 V.
Limited nominal Voltage (42 V) only in combination with metal housing series as HA.3 series.
When used with nylon housings (Seies HD.7) the rated voltage is 250 V.
6
7
5
1
2
4
3
8
6
7
5
1
2
4
3
8
6
7
5
1
2
4
3
8
6
7
5
1
2
4
3
8



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com