Electronic Components Datasheet Search
  English  ▼

X  

175289-2 Datasheet(PDF) 76 Page - List of Unclassifed Manufacturers

Part # 175289-2
Description  T E CON N E C T I V I T Y AT YOU R S E R V I C E
PDF  236 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

175289-2 Datasheet(HTML) 76 Page - List of Unclassifed Manufacturers

Back Button 175289-2 Datasheet HTML 72Page - List of Unclassifed Manufacturers 175289-2 Datasheet HTML 73Page - List of Unclassifed Manufacturers 175289-2 Datasheet HTML 74Page - List of Unclassifed Manufacturers 175289-2 Datasheet HTML 75Page - List of Unclassifed Manufacturers 175289-2 Datasheet HTML 76Page - List of Unclassifed Manufacturers 175289-2 Datasheet HTML 77Page - List of Unclassifed Manufacturers 175289-2 Datasheet HTML 78Page - List of Unclassifed Manufacturers 175289-2 Datasheet HTML 79Page - List of Unclassifed Manufacturers 175289-2 Datasheet HTML 80Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 76 / 236 page
background image
Verbindlich für Toleranzen der Abmessungen und technische Werte sind ausschließlich die neuesten TE Connectivity Kundenzeichnungen bzw. Produkt-Spezifikationen, die Sie auf Anfrage erhalten.
All specifications subject to change. Consult TE Connectivity for latest design specifications.
HTS Industrie Steckverbinder
HTS Heavy Duty Connectors
74
HB.6, HB-K.6, HD.16, HD-K.16 Gehäuse/Housings
Baugröße/Size 3
Pulverbeschichtet, silbergrau/K = korrosionsgeschützt, schwarz
Powder-coated, silver-grey/K = corrosion-resistant, black
Längsbügel am Unterteil/Side clip at housing bottom
IP 65
HD.16.STO.1.29.Z
HD.16.STO.1.21.G
HD.16.STO.1.M25.G
HD.16.STO.1.M32.G
HD-K.16.STO.1.21.G
HD-K.16.STO.1.M32.G
HB.6.AG-LB
HB-K.6.AG-LB
HB.6.AGD-LB
HB-K.6.AGD-LB
HB.6.SG-LB.1.16.Z
HB.6.SG-LB.2.16.Z
HB.6.SG-LB.1.M25.Z
HB.6.SG-LB.2.M25.Z
HB-K.6.SG-LB.1.16.Z
HB-K.6.SG-LB.2.16.Z
HB-K.6.SG-LB.2.M25.Z
1-1102469-7
1-1102467-7
1-1106423-1
0-1106423-1
2-1102467-7
0-1106423-3
1-1102244-2
2-1102244-2
1-1102246-2
2-1102246-2
1-1102249-2
1-1102251-2
0-1103062-1
0-1106418-2
2-1102249-2
2-1102251-2
0-1106418-4
Bestelltext
Designation
Bestell-Nr.
Order No.
Anbaugehäuse: Kabeleingang unten, Standard Bauform
Surface mounted housing: Bottom entry, Standard construction
1-1102467-7
60
74
43
70
M/PG
52
70
M4
1-1102244-2
2-1102244-2
4.5
80
70
1
32
43.5
25
PG
29
21
21
16
2x16
16
2x16
Anbaugehäuse: Kabeleingang unten, Standard Bauform
Surface mounted housing: Bottom entry, Standard construction
Mit Korrosionsschutz
With corrosion protection
52
70
M4
4.5
70
80
25
25
32
43.5
1-1102246-2
HB.6.AGD-LB
Steckergehäuse: Kabeleingang oben, Hohe Bauform
Hood: Top entry, High construction
Mit Korrosionsschutz
With corrosion protection
Mit Korrosionsschutz
With corrosion protection
Passende Kabelverschraubungen ab Seite 188/Suitable Cable fittings from page 188
Metr.
M25
M32
M32
M25
2xM25
2xM25
Sockelgehäuse: Kabeleingang seitlich, Standard Bauform
Surface mounted housing: Side entry, Standard construction
52
70
40
25
83
ø5,5
M/PG
Mit Korrosionsschutz
With corrosion protection
Bezeichnung
Description
Montageausschnitt/Panel cut-out
Montageausschnitt/Panel cut-out



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com