Electronic Components Datasheet Search
  English  ▼

X  

175289-2 Datasheet(PDF) 6 Page - List of Unclassifed Manufacturers

Part # 175289-2
Description  T E CON N E C T I V I T Y AT YOU R S E R V I C E
PDF  236 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

175289-2 Datasheet(HTML) 6 Page - List of Unclassifed Manufacturers

Back Button 175289-2 Datasheet HTML 2Page - List of Unclassifed Manufacturers 175289-2 Datasheet HTML 3Page - List of Unclassifed Manufacturers 175289-2 Datasheet HTML 4Page - List of Unclassifed Manufacturers 175289-2 Datasheet HTML 5Page - List of Unclassifed Manufacturers 175289-2 Datasheet HTML 6Page - List of Unclassifed Manufacturers 175289-2 Datasheet HTML 7Page - List of Unclassifed Manufacturers 175289-2 Datasheet HTML 8Page - List of Unclassifed Manufacturers 175289-2 Datasheet HTML 9Page - List of Unclassifed Manufacturers 175289-2 Datasheet HTML 10Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 236 page
background image
Verbindlich für Toleranzen der Abmessungen und technische Werte sind ausschließlich die neuesten TE Connectivity Kundenzeichnungen bzw. Produkt-Spezifikationen, die Sie auf Anfrage erhalten.
All specifications subject to change. Consult TE Connectivity for latest design specifications.
4
HTS Industrie Steckverbinder
HTS Heavy Duty Connectors
Serie
Series
Merkmale
Features
IP
Verriege-
lung
Locking
system
HA
Schmale
Standard
Serie
thin
standard
Series
44 - 65
VS
LB
HB
Breite
Standard
Serie
wide
standard
series
65
VS
LB
ZB
HD
Hohe
Standard
Serie
High
standard
Series
65
VS
LB
ZB
HIP-K
Druckdicht
Korrosions-
geschützt
pressure
tight
Corrosion
protected
68
SV
EMV-K
Störspann-
ungssicher
Druckdicht
Korrosions-
geschützt
EMC Dense
and
pressure
tight
Corrosion
protected
68
SV
HF
Störspann-
ungssicher
Druckdicht
EMC Dense
and
pressure
tight
Corrosion
protected
68
SV
HG Q
Kunststoff
plastic
65
LB
Serie
Series
Elektr.
Kennwerte
nach VDE
Last/Signal
Rating
according
VDE
Power/
signal
Verschmut
zungsgrad
Degree of
pollution
Anschluss-
art
Type of
terminals
Weitere
Normen
Additional
standards
HA
250V
10A
(size 1)
16A
3
Crimp/
Screw/
Spring
DIN VDE
0627
EN 61984
HE
400V
16A
3
Crimp /
Screw /
Spring
DIN VDE
0627
EN61984
HEE
500V
16A
3
Crimp
DIN VDE
0627
EN61984
HD
250V
10A
3
Crimp
(stamped)
DIN VDE
0627
EN 61984
DIN EN
175.301-
801
VS = 2 Verschlussbüge /2 lever locking
LB = 1 Längsbügel/1 locking lever
ZB = 1 Zentralbügel/1 central locking
SV = 2 Schrauben/2 Screws
Baugröße
Size
1
Q
2
3
4
5
6
7
8
9
10
11
12
Seite
Page
49–50
63–65
103–105
130–131
153–154
167
Seite
Page
Seite
Page
Seite
Page
Seite
Page
Seite
Page
Seite
Page
Baugröße
Size
73–78
87–97
114–124
139–149
160–165
172–174
63–65
73–78
87–97
103–105
115–124
139-149
53–54
79–80
98–99
125–126
150–151
53–54
79–80
98–99
125–126
150–151
176
176
51-52
56-58
Kontakteinsätze/Contact Inserts
Gehäuse/Housings
45
60
100
127
152
166
3
4
10
16
32
48
64
HN.D
250V
10A
3
Crimp
DIN VDE
0627
EN 61984
DIN EN
175.301-
801
1
Q
2
3
4
5
6
7
8
9
10
11
12
46
66
81
106
132
155
168
5
6
10
16
24
32
48
67
82
107
133
170
10
18
32
46
92
48
62
69
84
102
110
129
136
158
170
7
8
15
16
24
25
40
50
64
80
128
47
61
101
109
128
135
157
169
7
8
15
25
40
50
64
80
128
Pole Seite
Pos. Page
Pole Seite
Pos. Page
Pole Seite
Pos. Page
Pole Seite
Pos. Page
Pole Seite
Pos. Page



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com