Electronic Components Datasheet Search
  English  ▼

X  

292206 Datasheet(PDF) 1 Page - Tyco Electronics

Part # 292206
Description  1.5 mm AMP Mini CT Connector Series
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

292206 Datasheet(HTML) 1 Page - Tyco Electronics

  292206 Datasheet HTML 1Page - Tyco Electronics 292206 Datasheet HTML 2Page - Tyco Electronics 292206 Datasheet HTML 3Page - Tyco Electronics 292206 Datasheet HTML 4Page - Tyco Electronics 292206 Datasheet HTML 5Page - Tyco Electronics 292206 Datasheet HTML 6Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
te.com
/products/minict
The AMP Mini CT connectors are miniature wire-to-board and wire-to-wire connectors. Like the
standard AMP CT connector series, these connectors are tailored for improved harness productivity
and feature a compact design with contacts on 1.5 mm pitch. Wire-side connectors can be used to
produce a variety of harness styles by fully automatic high-speed assembling machines.
FEATURES AND BENEFITS
2 kinds of termination method: IDC, crimp
•
Discrete wire interconnect
•
Circuits range from 2-20 single row,
•
22-40 dual row
AWG 24~28
•
Both T/H and SMT mounting styles
•
are available
Kinks for self-retention on boards
•
Many components are recognized under
•
the component program of Underwriters
Laboratories Inc., file No. E28476
Certified by Canadian Standards
•
Association, File No. LR 7189
PRODUCT APPLICATIONS
Business equipment
•
Industrial machines
•
PC, Printer and Fax
•
C-TV
•
Audio
•
Air conditioner
•
Routed power & signals
•
LED lighting controls
•
Indoor & outdoor lighting
•
LED illumination
•
Quick Reference Guide
1.5 mm AMP Mini CT Connector Series


Similar Part No. - 292206

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
292206-2 MACOM-292206-2 Datasheet
192Kb / 2P
AMP Mini CT Connector 1.5mm Pitch
292206-3 MACOM-292206-3 Datasheet
192Kb / 2P
AMP Mini CT Connector 1.5mm Pitch
292206-4 MACOM-292206-4 Datasheet
192Kb / 2P
AMP Mini CT Connector 1.5mm Pitch
292206-5 MACOM-292206-5 Datasheet
192Kb / 2P
AMP Mini CT Connector 1.5mm Pitch
292206-6 MACOM-292206-6 Datasheet
192Kb / 2P
AMP Mini CT Connector 1.5mm Pitch
More results

Similar Description - 292206

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
LN229RP PANASONIC-LN229RP Datasheet
31Kb / 1P
5.0 mm X 1.5 mm Series
LN229RPH PANASONIC-LN229RPH Datasheet
31Kb / 1P
5.0 mm X 1.5 mm Series
logo
Tyco Electronics
1-353908-3 MACOM-1-353908-3 Datasheet
105Kb / 2P
AMP MINI COMMON TERMINATED (CT) CONNECTOR 1.5mm PITCH HOUSING, CRIMP TYPE
38221 MACOM-38221 Datasheet
186Kb / 9P
AMP SUPERSEAL 1.5 SERIES
292132-2 MACOM-292132-2 Datasheet
662Kb / 6P
AMP CT Connector Series
1-292227-4 MACOM-1-292227-4 Datasheet
257Kb / 4P
AMP MiNi CT Connector 1.5mm PITCH
5-292206-2 MACOM-5-292206-2 Datasheet
192Kb / 2P
AMP Mini CT Connector 1.5mm Pitch
2-292246-2 MACOM-2-292246-2 Datasheet
328Kb / 3P
RECEPTACLE ASSEMBLY FOR AMP 1.5 PITCH MINI CT HYBRID LATTICE CONNECTOR
logo
TE Connectivity Ltd
353908-9 TEC-353908-9 Datasheet
219Kb / 5P
Housing, Receptacle, Wire-to-Wire / Wire-to-Board / Wire-to-Panel, 9 Position, 1.5 mm [.059 in] Centerline, Crimp, 1 Row, White, AMP Mini CT
09/30/2022
1-353293-6 TEC-1-353293-6 Datasheet
350Kb / 6P
Connector Assembly, Receptacle, Wire-to-Board, 16 Position, .06 in [1.5 mm] Centerline, Insulation Displacement (IDC), 1 Row, Natural, AMP Mini CT
06/20/2023
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com