Electronic Components Datasheet Search
  English  ▼

X  

292206 Datasheet(PDF) 4 Page - Tyco Electronics

Part # 292206
Description  1.5 mm AMP Mini CT Connector Series
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

292206 Datasheet(HTML) 4 Page - Tyco Electronics

  292206 Datasheet HTML 1Page - Tyco Electronics 292206 Datasheet HTML 2Page - Tyco Electronics 292206 Datasheet HTML 3Page - Tyco Electronics 292206 Datasheet HTML 4Page - Tyco Electronics 292206 Datasheet HTML 5Page - Tyco Electronics 292206 Datasheet HTML 6Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
te.com/products/minict
1.5 mm AMP Mini CT Connector Series
TE Connectivity
SINGLE ROW POST HEADER ASSEMBLIES : BOARD-MOUNT
Description
PN
Photo
Position to Dash
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
T/H Type Horizontal-Mount Type, w/o Boss
292206
D
-2
-3
-4
-5
-6
-7
-8
-9
-10 -11 -12 -13 -14 -15 -16 -17 -18 -19 -20
T/H Type Vertical-Mount Type, w/ Boss
292207
E
-2
-3
-4
-5
-6
-7
-8
-9
-10 -11 -12 -13 -14 -15 -16 -17 -18 -19 -20
SMT Type Horizontal-Mount Type, w Boss
292227
F
-2
-3
-4
-5
-6
-7
-8
-9
-10 -11 -12 -13 -14 -15 -16 -17 -18 -19 -20
SMT Type Horizontal-Mount Type, w/o Boss
292228
G
-2
-3
-4
-5
-6
-7
-8
-9
-10 -11 -12 -13 -14 -15 -16 -17 -18 -19 -20
SMT Type Vertical-Mount Type, w Boss
292230
H
-3
-4
-5
-6
-7
-8
-9
-10 -11 -12 -13 -14 -15 -16 -17 -18 -19 -20
SMT Type Vertical-Mount Type, w/o Boss
292231
I
-3
-4
-5
-6
-7
-8
-9
-10 -11 -12 -13 -14 -15 -16 -17 -18 -19 -20
Mating Part Numbers: (MT) 353293 or (Crimp) 353908 w/ 353907-1 or 353918-1
Specifications: A, X
SINGLE ROW POST HEADER ASSEMBLIES : PANEL-MOUNT
Description
PN
Photo
Position to Dash
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
Single Row Panel-Mount
292215
J
-2
-3
-4
-5
-6
-7
-8
-9
-10 -11 -12 -13 -14 -15 -16 -17 -18 -19 -20
Mating Part Numbers: (MT) 353293 or (Crimp) 353908 w/ 353907-1 or 353918-1
Specifications: A, X
DUAL ROW HEADERS
Description
PN
Photo
Position to Dash
22
24
26
28
30
32
34
36
38
40
Receptacle Housing Connector Mounting Holder
353294
K
-22
-24
-26
-28
-30
-32
-34
-36
-38
-40
Note: Two receptacle housings are applied per holder and one holder per dual row header
Mating Part Numbers: 2 x (MT) 353293 or 2 x (Crimp) 353908 w/ 353907-1 or 353918-1
Specifications: C, X
DUAL ROW POST HEADER ASSEMBLIES : BOARD-MOUNT
Description
PN
Photo
Position to Dash
22
24
26
28
30
32
34
36
38
40
Dual Row T/H Type/ Vertical-Mount
292208
L
-22
-24
-26
-28
-30
-32
-34
-36
-38
-40
Dual Row SMT Type/ Vertical Mount Type w/Boss
292229
M
-24
-26
-28
-30
-32
-34
-36
-38
-40
Dual Row T/H Type/ Horizontal Mount w/ Board Lock
292262
N
-22
-24
-26
-28
-30
-32
-34
-36
-38
-40
Mating Part Numbers: 353294 w/ 2 x MT or 2 x Crimp Single Row Housings
Specifications: A, C, X
DUAL ROW POST HEADER ASSEMBLIES : PANEL-MOUNT
Description
PN
Position to Dash
22
24
26
28
30
32
34
36
38
40
Dual Row Panel-Mount
292216
-22
-24
-26
-28
-30
-32
-34
-36
-38
-40
Mating Part Numbers: 353294 w/ 2 x MT or 2 x Crimp Single Row Housings
Specifications: C, X
INVERTED THRU BOARD
Description
PN
Photo
Position to Dash
2
3
4
5
6
SMT Type Thru Board
2106091
O
-1
-2
-3
-4
-5
Mating Part Numbers: MT 353293 or crimp 353908 w/ 333907-1 or 333918-1
Specifications: D, Z
MINI CT CABLE ASSEMBLY
Description
PN
Position to Dash
2
3
4
5
6
Cable Assembly
2058943
-1
-2
-3
-4
-5
4
Panel-Mount
Transmits signal through a notch in a panel or a PCB
and requires two housings to complete a circuit.
5
SMT Inverted Thru Board
Positioned thru a cutout or notch in a PCB and requires
only one housing to complete a circuit. The innovative
design eliminates wire dress management issues.
4
5



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com