Electronic Components Datasheet Search
  English  ▼

X  

292206 Datasheet(PDF) 2 Page - Tyco Electronics

Part # 292206
Description  1.5 mm AMP Mini CT Connector Series
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

292206 Datasheet(HTML) 2 Page - Tyco Electronics

  292206 Datasheet HTML 1Page - Tyco Electronics 292206 Datasheet HTML 2Page - Tyco Electronics 292206 Datasheet HTML 3Page - Tyco Electronics 292206 Datasheet HTML 4Page - Tyco Electronics 292206 Datasheet HTML 5Page - Tyco Electronics 292206 Datasheet HTML 6Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
te.com/products/minict
1.5 mm AMP Mini CT Connector Series
TE Connectivity
MT
Time savings
•
Preloaded IDC contacts
•
Automation
•
Mates with all headers
•
Crimp Poke
Cost effective
•
Flexibility (AWG)
•
Manual labor
•
Mates with all headers
•
Mass Termination (MT) VS. Crimp Poke
How to select an AMP Mini CT connector part number
The charts on this page highlight the relationship between the number of contacts (positions) to the part number. Please see the sample chart
below that was designed to help you select the correct part number for your needs. For single digit position to dash numbers, attach the digit to
the end base number. For double digit position to dash numbers, attach the first digit to the front of the part number, add a dash and the base
part number, then follow the base part number with a dash and the second digit.
Example Base Part Number Your Criteria
Example Position to Dash Selection
End Part Number Based on Criteria
Position
8
9
10
11
12
353293
You require and 8 position MT housing
Dash Number
-8
-9
-10
-11
-12
353293-8
353293
You require and 12 position MT housing
Dash Number
-8
-9
-10
-11
-12
1-353293-2
Cable Side Connectors
RECEPTACLE CONNECTORS (WIRE APPLICATION)
Description
PN
Photo
Position to Dash
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
MT receptacle housing - AWG : 26-28
353293
A
-2
-3
-4
-5
-6
-7
-8
-9
-10
-11
-12
-13
-14
-15
-16
-17
-18
-19
-20
Mating Part Numbers: 292206; 292207; 292227; 292228; 292239; 292231; 292215; 292208; 292216
Specifications: C, X
CRIMP TYPE HOUSING
Description
PN
Photo
Position to Dash
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
Crimp receptacle housing - White
353908
C
-2
-3
-4
-5
-6
-7
-8
-9
-10
-11
-12
-13
-14
-15
-16
-17
-18
-19
-20
Mating Part Numbers: 292206; 292207; 292227; 292228; 292239; 292231; 292215; 292208; 292216
Specifications: B
CONTACTS
Description
PN
Photo
Specifications
Reel-AWG: 24-28
353907-1
B
B,Y
Loose Piece - AWG: 24-28
353918-1
B
B,Y
Cable Side Connectors : Tooling Options
APPLICATION TOOLING
AMP Mini CT PN
Description
Tooling PN
Tooling Description
Application Specification
Instruction Sheet
393293
MT Housing
937317-1
Pistol Tool
114-5223
411-5826
353907-1
Crimp Contact - Strip
1426169-1
Leadmaker Applicator
114-5245
411-78049
1426169-2
Bench Application
114-5245
411-78049
179518-1
Crimp Contact - Loose
1729069-1
Hand Tool
114-5245
411-78106
* Applicators listed are used in the AMP-O-LECTRIC Model G, AMP 3K/40 and AMP 5K/40 Terminators. Call the Tooling Assistance Center at 800-722-1111 for applicator numbers for Automatic Cut, Strip and Terminate Leadmakers.
** Power tooling options are also available. Call Tooling Sales at 888-777-5917 (717-810-2080) for more information
MT AMP Mini CT Housing : 353293
Unstripped wires inserted into MT housing.
Crimp AMP Mini CT Contact : 353907
Crimp AMP Mini CT Housing : 353908
Contact crimped onto a stripped wire to be inserted into a crimp housing.



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com