Electronic Components Datasheet Search
  English  ▼

X  

640456 Datasheet(PDF) 79 Page - Tyco Electronics

Part # 640456
Description  MTA, CST-100 II, SL-156 and AMP Economy Power (EP) Connectors
PDF  84 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

640456 Datasheet(HTML) 79 Page - Tyco Electronics

Back Button 640456 Datasheet HTML 75Page - Tyco Electronics 640456 Datasheet HTML 76Page - Tyco Electronics 640456 Datasheet HTML 77Page - Tyco Electronics 640456 Datasheet HTML 78Page - Tyco Electronics 640456 Datasheet HTML 79Page - Tyco Electronics 640456 Datasheet HTML 80Page - Tyco Electronics 640456 Datasheet HTML 81Page - Tyco Electronics 640456 Datasheet HTML 82Page - Tyco Electronics 640456 Datasheet HTML 83Page - Tyco Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 79 / 84 page
background image
Hand Tools, Power Units & Accessories
Manual Arbor Frame (MTA-50)
1583518-1
IS 408-8812
2700 lb Air Bench Machine
312522-1
CM 409-5843
Upper Tooling (MTA-50)
1583514-1
IS 408-8812
Terminator Assembly, "G" Term
354500-1
CM 409-5842
Manual Arbor Frame Assembly
58024-1
IS 408-6923
AMP-O-LECTRIC Bench Machine
1-471273-3
CM 409-5128
Ribbon Cable Applicator, .100
58039-1
IS 408-6685
Conversion Kit
690675-2
IS 408-8022
Ribbon Cable Applicator, .156
58040-1
IS 408-6701
Base Assembly
853542-1
IS 408-9636
Manual Hand Tool
58074-1
IS 408-6790
Base
854200-1
IS 408-9650
Air Bench Mount Tool
58338-1
IS 408-9393
Adapter (AMP-O-LECTRIC)
854468-1
IS 408-9687
Air Hand Tool (MTA-100)
58575-1
IS 408-4260
Adapter (2700 lb Machine)
854468-2
IS 408-9687
Air Harness Tool (MTA-156)
58576-1
IS 408-4260
Repair Kit
856600-1
IS 408-9745
T-Handle Maintenance Tool (MTA-100)
59803-1
IS 408-7907
Repair Kit
856600-2
IS 408-9745
T-Handle Maintenance Tool (MTA-156)
59804-1
IS 408-7907
Electric Bench Mount Tool
931800-1
CM 409-5746
Air Arbor Frame Assembly
91112-2
IS 408-7763
One-At-A-Time Termination Tooling
Interchangeable Heads
Interchangeable Head & Loose Piece Feed Track
MTA-50
MTA-156
MTA-100
MTA-156
1583503-1
IS 408-8801
58247-1
IS 408-6930
933567-1
IS 408-9435
933568-1
IS 408-9466
MTA-100
58247-2
IS 408-9380
Interchangeable Heads & Tape Feed Track
58246-1
IS 408-6929
58247-3
IS 408-4146
MTA-100
MTA-156
58246-2
IS 408-9379
58443-1
IS 408-9607
853546-1
IS 408-9636
853547-1
IS 408-9637
58246-3
IS 408-4147
58061-1
IS 408-6794
Special Applicators
58442-1
IS 408-9603
58082-1
IS 408-6795
MTA-100
MTA-156
58638-1
IS 408-4358
58392-1
IS 408-9450
466728-1
AI 408-8054
466727-1
AI 408-8054
567020-1
AI 408-8069
Mass Termination Tooling
Die Set Assembly
MTA-50
MTA-100
MTA-156
MTA-100
1583515-1
IS 408-8812
58242-1
IS 408-7994
58009-1
IS 408-7995
854175-1
IS 408-9667
1583515-2
IS 408-8812
58242-3
IS 408-7994
58009-2
IS 408-7995
1583516-1
IS 408-8812
58243-1
IS 408-7994
58010-2
IS 408-7995
MTA-156
1583516-2
IS 408-8812
58635-1
IS 408-7994
58244-1
IS 408-7995
854176-1
IS 408-9650
1583517-1
IS 408-8812
58636-1
IS 408-7994
58244-3
IS 408-7995
58644-1
IS 408-4406
58245-1
IS 408-7995
58644-2
IS 408-4440
58245-3
IS 408-7995
59844-1
IS 408-7994
58646-1
IS 408-4405
59845-1
IS 408-7994
58646-2
IS 408-4439
59845-3
IS 408-7994
59848-1
IS 408-7995
59848-3
IS 408-7995
Technical Documents
Typical Application Rates
The following is a list of technical documents covering the installation, operation, adjustment,
maintenance and repair of MTA application tooling.
Instruction Sheets (IS)
provide instructions for assembling or applying the product. They are
intended for the Manufacturing Assembler or Operator.
Customer Manuals (CM)
provide complete, detailed instructions on the installation, operation,
adjustment, maintenance and repair of complex tools and application machines.
Applicator Instructions (AI)
are similar to instruction sheets (which cover products and tools), and
provide instructions for installation, adjustment and maintenance of applicators used in auto-
matic and semiautomatic machines.
Produce 6-in. [15 cm] Long Jumpers, One 4-Position
MTA-100 Connector per End, Discrete Wire
Method
Terminations
Per Hour
Manual Hand Tool 58074-1 with
Interchangeable Head 58246-1
—
Electric Bench Machine 931800-1 with
Interchangeable Head 58246-1
900
Electric Bench Machine 931800-1 with
Interchangeable Head and
Loose-Piece Feed Track 933567-1
1,100
Electric Bench Machine 931800-1 with
Interchangeable Head and Tape Feed Track
853546-1 and 853542-1 (Base)
1,250
Apply One 4-Position MTA-100 Feed-Thru
Connector per Assembly, Discrete Wire
Method
Terminations
Per Hour
Manual Bench Tool 58024-1 with
Applicator and Holding Fixture
650
For further information about tooling call Technical Support.
Produce 6-in. [15 cm] Long Jumpers, One 4-Position
MTA-100 Connector per End, Ribbon Cable*
Method
Terminations
Per Hour
2700 lb Air Bench Machine 312522-1 with
Applicator and Tape Feed Track
854175-1 and 854200-1 (Base)
7,500
* Procedure: Mass terminate 12-conductor ribbon cable with three
connectors per end. After terminating, separate by tearing the
12-conductor assembly into three 4-conductor assemblies.
Cable Notching
Method
Cable Ends
Per Hour
2700 lb Air Bench Machine 312522-1 with
Ribbon Cable Notcher Assembly 854449-2
and 854468-2 (Adapter)
1,000
79
MTA Application Tooling Options (Continued)
MTA, CST-100 II, SL-156 and
AMP Economy Power (EP) Connectors
Catalog 82056
Dimensions are in inches and
Dimensions are shown for
USA: 1-800-522-6752
South America: 55-11-2103-6000
Revised 6-08
millimeters unless otherwise
reference purposes only.
Canada: 1-905-470-4425
Hong Kong: 852-2735-1628
specified. Values in brackets
Specifications subject
Mexico: 52-55-1106-0800
Japan: 81-44-844-8013
www.tycoelectronics.com
are metric equivalents.
to change.
C. America: 57-1-254-4444
UK: 44-208-420-8341



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com