Electronic Components Datasheet Search
  English  ▼

X  

640456 Datasheet(PDF) 30 Page - Tyco Electronics

Part # 640456
Description  MTA, CST-100 II, SL-156 and AMP Economy Power (EP) Connectors
PDF  84 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

640456 Datasheet(HTML) 30 Page - Tyco Electronics

Back Button 640456 Datasheet HTML 26Page - Tyco Electronics 640456 Datasheet HTML 27Page - Tyco Electronics 640456 Datasheet HTML 28Page - Tyco Electronics 640456 Datasheet HTML 29Page - Tyco Electronics 640456 Datasheet HTML 30Page - Tyco Electronics 640456 Datasheet HTML 31Page - Tyco Electronics 640456 Datasheet HTML 32Page - Tyco Electronics 640456 Datasheet HTML 33Page - Tyco Electronics 640456 Datasheet HTML 34Page - Tyco Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 84 page
background image
30
Straight Post (.025 [0.64] Square)
Right-Angle (.025 [0.64] Square)
Material and Finish
Housing — UL94V-0 rated, polyester,
black
Posts — Copper alloy, tin plated; or
.000030 [0.00076] gold over nickel
Notes:
1. Post(s) can be omitted for keying
purposes. Specify the desired
post(s) to be omitted using the
figure to identify Post No. 1.
2. Headers with .000015 [0.00038]
gold plated post are available
upon request. Minimums may
apply.
3. Gold headers are duplex plated,
gold on mating end of post and
tin on the solder tail.
For mateability options, see
matrix on pages 12 and 13.
For mating half visuals, see
pages 14 and 15.
Header Ordering
Information
The “Base Part Numbers”
Chart at right shows the base
part number.
Prefixes and suffixes are deter-
mined by the number of post
positions in the header. For
example, the complete part
number for a 10-position
header with straight posts and
with pegs would be:
Base number 644486 plus
prefix-and-suffix
4- — -0
The correct ordering number is
4-644486-0
See page 15 for an explanation of
RoHS lead free equivalents.
Note: All RoHS equivalent part num-
bers may not be available upon cat-
alog release. If the number you
need is not available, please contact
Product Engineering to expedite
your request.
Notes:
1. Select load headers (omitted pin
headers) are available upon
request. Please contact product
engineer or product manager for
details.
2. MTA-100 shrouded headers
do not mate with CST-100 II hous-
ings.
A
.025
[0.64]
Typ.
.100
[2.54]
.092
[2.34]
Typ. Ref.
Post No. 1
.313
[7.95]
.410
[10.41]
.140
[3.56]
.176
[4.47]
Ref.
.107
[2.72]
Ref.
.125
[3.18]
.200
[5.08]
.440
[11.18]
Recommended Mounting Hole Pattern for
.062 [1.57] Thk. PC Board
(Solder Side of Board Shown)
Polarized
Retention Peg
.042
[1.07]
.100
[2.54]
Typ.
.081/.075
[2.06/1.91]
.124
[3.15]
Edge of Board
.125
[3.18]
Min.
.050/.040
[1.27/1.02]
Dia.
Dia.
A
.025
[0.64]
Typ.
.100
[2.54]
.092
[2.34]
Typ. Ref.
Post No. 1
.313
[7.95]
.410
[10.41]
.176
[4.47]
Ref.
.130
[3.30]
.200
[5.08]
.050
[1.27]
Max.
.137
[3.48]
Ref.
.100
[2.54]
Typ.
Edge of Board
.300
[7.62]
Max.
.050/.040
[1.27/1.02]
Dia.
Recommended Mounting Hole Pattern for .062
[1.57] Thk. PC Board
(Solder Side of Board Shown)
Header Length
No. of
Dim.
Prefix/
Circuits
A
Suffix
2
.284
3- -2
7.21
3
.384
3- -3
9.75
4
.484
3- -4
12.29
5
.584
3- -5
14.83
6
.684
3- -6
17.37
7
.784
3- -7
19.91
8
.884
3- -8
22.45
9
.984
3- -9
24.99
No. of
Dim.
Prefix/
Circuits
A
Suffix
10
1.084
4- -0
27.53
11
1.184
4- -1
30.07
12
1.284
4- -2
32.61
13
1.384
4- -3
35.15
No. of
Dim.
Prefix/
Circuits
A
Suffix
14
1.484
4- -4
37.69
No. of
Dim.
Prefix/
Circuits
A
Suffix
.206
[5.23]
Ref.
.130
[3.30]
Ref.
Rear Bend
Front Bend
Note: Consult Product Drawing
for details on placing headers
onto PC boards.
Base Part Numbers
Straight Posts
Right-Angle Posts
With
Without
Without Pegs Only
Pegs
Pegs
Front Bend
Rear Bend
Header
RoHS
Header
RoHS
Header
RoHS
Header
RoHS
Part Nos.
Equiv.
Part Nos.
Equiv.
Part Nos.
Equiv.
Part Nos.
Equiv.
Standard UL94V-0, Tin Plated
644486
22-34
644861
22-34
644488
22-34
644803
22-34
Standard UL94V-0, .000030 [0.00076] Gold Plated
644487
22-34
——
644489
22-34
——
MTA-100 Shrouded Headers—Straight and Right-Angle
MTA, CST-100 II, SL-156 and
AMP Economy Power (EP) Connectors
Catalog 82056
Dimensions are in inches and
Dimensions are shown for
USA: 1-800-522-6752
South America: 55-11-2103-6000
Revised 6-08
millimeters unless otherwise
reference purposes only.
Canada: 1-905-470-4425
Hong Kong: 852-2735-1628
specified. Values in brackets
Specifications subject
Mexico: 52-55-1106-0800
Japan: 81-44-844-8013
www.tycoelectronics.com
are metric equivalents.
to change.
C. America: 57-1-254-4444
UK: 44-208-420-8341



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com