Electronic Components Datasheet Search
  English  ▼

X  

640456 Datasheet(PDF) 29 Page - Tyco Electronics

Part # 640456
Description  MTA, CST-100 II, SL-156 and AMP Economy Power (EP) Connectors
PDF  84 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

640456 Datasheet(HTML) 29 Page - Tyco Electronics

Back Button 640456 Datasheet HTML 25Page - Tyco Electronics 640456 Datasheet HTML 26Page - Tyco Electronics 640456 Datasheet HTML 27Page - Tyco Electronics 640456 Datasheet HTML 28Page - Tyco Electronics 640456 Datasheet HTML 29Page - Tyco Electronics 640456 Datasheet HTML 30Page - Tyco Electronics 640456 Datasheet HTML 31Page - Tyco Electronics 640456 Datasheet HTML 32Page - Tyco Electronics 640456 Datasheet HTML 33Page - Tyco Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 84 page
background image
29
Material and Finish
Housing —
2–12 Position — UL94V-0 rated,
nylon, black
13–18 Position — UL94V-0 rated,
LCP, black
Posts — Copper alloy, tin plated,
.000030 [0.00076] or .000015
[0.00038] gold over nickel
Notes:
1. Post(s) can be omitted for keying
purposes. Specify the desired
post(s) to be omitted using the
figure to identify Post No. 1.
2. Gold headers are duplex plated,
gold on mating end of post and
tin on the solder tail.
3. To determine header overall
length (dim. A) multiply .100 x the
number of posts. Example: .100
x 10 posts equals 1.000 inch
[25.4 mm].
For mateability options, see
matrix on pages 12 and 13.
For mating half visuals, see
pages 14, 15 and 31.
Header Ordering
Information
The “Base Part Numbers”
Chart at right shows the base
part number.
Prefixes and suffixes are deter-
mined by the number of post
positions in the header. For
example, the complete part
number for a 10-position sur-
face mount polarized header
would be:
Base number 647106 plus
prefix-and-suffix
4- — -0
The correct ordering number is
4-647106-0
All part numbers are the RoHS
equivalent version. Example:
No. of
Lead Free
Pos.
RoHS
Prefix/Suffix
2
3-647106-2
12
4-647106-2
See page 15 for an explanation of
RoHS lead free equivalents.
Note: All RoHS equivalent part num-
bers may not be available upon cat-
alog release. If the number you
need is not available, please contact
Product Engineering to expedite
your request.
Polarized Header
Friction Lock Header
Recommended PC Board Layout for use with .010 [0.25] Thick Stencil
.250
[6.35]
.318
[8.08]
Ref.
.113
[2.87]
.025
[0.64]
Sq.
.050
[1.27]
.100
[2.54]
.347
[8.81]
.290
[7.37]
.070
[1.78]
.125
[3.18]
.159
[4.04]
Typ.
Post No. 1
.250
[6.35]
.318
[8.08]
Ref.
.113
[2.87]
.025
[0.64]
Sq.
.050
[1.27]
.100
[2.54]
.347
[8.81]
.290
[7.37]
.040
[1.02]
Max.
.125
[3.18]
.159
[4.04]
Post No. 1
.235
[5.97]
.100
[2.54]
Typ.
.060
[1.52]
.070
[1.78]
Post No. 1
Note: Consult Product Drawing
for details on placing headers
onto PC boards.
For use with Infrared Reflow Process
Maximum Temperature Rating: 2–12 Position: 280°C
13–18 Position: 235°C
Base Part Numbers
Polarized Headers
Friction Lock Headers
Header
RoHS
Header
RoHS
Part Nos.
Equiv.
Part Nos.
Equiv.
Standard UL94V-0, Tin Plated
647106
32-42
647166
32-42
Standard UL94V-0, .000030 [0.00076] Gold Plated
647108
32-42
647168
32-42
Standard UL94V-0, .000015 [0.00038] Gold Plated
647107
32-42
647167
32-42
Note: Select load headers (omitted pin headers) are available upon request. Please contact product engineer or
product manager for details.
MTA-100 Polarized and Friction Lock Surface Mount Headers—Straight
MTA, CST-100 II, SL-156 and
AMP Economy Power (EP) Connectors
Catalog 82056
Dimensions are in inches and
Dimensions are shown for
USA: 1-800-522-6752
South America: 55-11-2103-6000
Revised 6-08
millimeters unless otherwise
reference purposes only.
Canada: 1-905-470-4425
Hong Kong: 852-2735-1628
specified. Values in brackets
Specifications subject
Mexico: 52-55-1106-0800
Japan: 81-44-844-8013
www.tycoelectronics.com
are metric equivalents.
to change.
C. America: 57-1-254-4444
UK: 44-208-420-8341
Tape Mount Part Numbers
Polarized Headers
Friction Lock Headers
Header
RoHS
Header
RoHS
Part Nos.
Equiv.
Part Nos.
Equiv.
Standard UL94V-0, Tin Plated
647531
32-42
647502
32-42
Standard UL94V-0, .000030 [0.00076] Gold Plated
1744163
32-42
Standard UL94V-0, .000015 [0.00038] Gold Plated
647467
32-42



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com