Electronic Components Datasheet Search
  English  ▼

X  

AD871SD Datasheet(PDF) 10 Page - List of Unclassifed Manufacturers

Part # AD871SD
Description  MICROCIRCUIT, LINEAR, A/D CONVERTER, 12-BIT, 5 MSPS, MONOLITHIC SILICON
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

AD871SD Datasheet(HTML) 10 Page - List of Unclassifed Manufacturers

Back Button AD871SD Datasheet HTML 4Page - List of Unclassifed Manufacturers AD871SD Datasheet HTML 5Page - List of Unclassifed Manufacturers AD871SD Datasheet HTML 6Page - List of Unclassifed Manufacturers AD871SD Datasheet HTML 7Page - List of Unclassifed Manufacturers AD871SD Datasheet HTML 8Page - List of Unclassifed Manufacturers AD871SD Datasheet HTML 9Page - List of Unclassifed Manufacturers AD871SD Datasheet HTML 10Page - List of Unclassifed Manufacturers AD871SD Datasheet HTML 11Page - List of Unclassifed Manufacturers AD871SD Datasheet HTML 12Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 10 / 12 page
background image
STANDARD
MICROCIRCUIT DRAWING
SIZE
A
5962-94686
DEFENSE SUPPLY CENTER COLUMBUS
COLUMBUS, OHIO 43216-5000
REVISION LEVEL
A
SHEET
10
DSCC FORM 2234
APR 97
TABLE II. Electrical test requirements.
Test requirements
Subgroups
(in accordance with
MIL-STD-883,
method 5005, table I)
Subgroups
(in accordance with
MIL-PRF-38535, table III)
Device
class M
Device
class Q
Device
class V
Interim electrical
parameters (see 4.2)
1
1
1
Final electrical
parameters (see 4.2)
1,2,3,9,10,11
1/
1,2,3,9,
1/
10,11
1,2,3,9,
1/
10,11
Group A test
requirements (see 4.4)
1,2,3,9,10,11
1,2,3,9,
10,11
1,2,3,9,
10,11
Group C end-point electrical
parameters (see 4.4)
1
1
1,2,3,9,
10,11
Group D end-point electrical
parameters (see 4.4)
1
1
1,2,3,9,
10,11
Group E end-point electrical
parameters (see 4.4)
----
----
----
1/ PDA applies to subgroup 1.
4.4.3 Group D inspection. The group D inspection end-point electrical parameters shall be as specified in table II herein.
4.4.4 Group E inspection. Group E inspection is required only for parts intended to be marked as radiation hardness
assured (see 3.5 herein).
a.
End-point electrical parameters shall be as specified in table II herein.
b.
For device classes Q and V, the devices or test vehicle shall be subjected to radiation hardness assured tests as
specified in MIL-PRF-38535 for the RHA level being tested. For device class M, the devices shall be subjected to
radiation hardness assured tests as specified in MIL-PRF-38535, appendix A for the RHA level being tested. All
device classes must meet the postirradiation end-point electrical parameter limits as defined in table I at
TA = +25
°C ±5°C, after exposure, to the subgroups specified in table II herein.
c.
When specified in the purchase order or contract, a copy of the RHA delta limits shall be supplied.
5. PACKAGING
5.1 Packaging requirements. The requirements for packaging shall be in accordance with MIL-PRF-38535 for device
classes Q and V or MIL-PRF-38535, appendix A for device class M.
6. NOTES
6.1 Intended use. Microcircuits conforming to this drawing are intended for use for Government microcircuit applications
(original equipment), design applications, and logistics purposes.
6.1.1 Replaceability. Microcircuits covered by this drawing will replace the same generic device covered by a contractor
prepared specification or drawing.
6.1.2 Substitutability. Device class Q devices will replace device class M devices.
6.2 Configuration control of SMD's. All proposed changes to existing SMD's will be coordinated with the users of record for
the individual documents. This coordination will be accomplished using DD Form 1692, Engineering Change Proposal.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com