Electronic Components Datasheet Search
  English  ▼

X  

AD871SD Datasheet(PDF) 5 Page - List of Unclassifed Manufacturers

Part # AD871SD
Description  MICROCIRCUIT, LINEAR, A/D CONVERTER, 12-BIT, 5 MSPS, MONOLITHIC SILICON
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

AD871SD Datasheet(HTML) 5 Page - List of Unclassifed Manufacturers

  AD871SD Datasheet HTML 1Page - List of Unclassifed Manufacturers AD871SD Datasheet HTML 2Page - List of Unclassifed Manufacturers AD871SD Datasheet HTML 3Page - List of Unclassifed Manufacturers AD871SD Datasheet HTML 4Page - List of Unclassifed Manufacturers AD871SD Datasheet HTML 5Page - List of Unclassifed Manufacturers AD871SD Datasheet HTML 6Page - List of Unclassifed Manufacturers AD871SD Datasheet HTML 7Page - List of Unclassifed Manufacturers AD871SD Datasheet HTML 8Page - List of Unclassifed Manufacturers AD871SD Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
STANDARD
MICROCIRCUIT DRAWING
SIZE
A
5962-94686
DEFENSE SUPPLY CENTER COLUMBUS
COLUMBUS, OHIO 43216-5000
REVISION LEVEL
A
SHEET
5
DSCC FORM 2234
APR 97
TABLE I. Electrical performance characteristics.
Test
Symbol
Conditions 1/
-55
°C ≤ TA ≤ +125°C
unless otherwise specified
Group A
subgroups
Device
type
Limits 2/
Unit
Min
Max
Resolution
RES
1,2,3
01,02
12
Bits
Differential nonlinearity 3/
DNL
All codes histogram
1,2,3
01,02
12
Bits
Zero error
BPOE
TA = +25
°C
1
01,02
±0.75
%FSR
Gain error
AE
TA = +25
°C
1
01,02
±1.25
%FSR
Zero error drift
TCBPOE
External 2.5 V reference,
TA = +125
°C, -55°C
2,3
01,02
±0.30
%FSR
TCAINT
Internal 2.5 V reference,
TA = +125
°C, -55°C
±1.75
Gain error drift
TCAEXT
External 2.5 V reference,
TA = +125
°C, -55°C
2,3
01,02
±0.5
%FSR
Power supply rejection
PSRR
4/
1,2,3
01,02
±0.125
%FSR
Analog input ranges
VIN
1,2,3
01,02
±1
V
Internal reference output
voltage
VREF
1,2,3
01,02
2.46
2.54
V
Power dissipation
PD
1,2,3
01,02
1.3
W
IAVDD
88
IAVSS
150
IDVDD
01,02
21
Power supply current
IDRVDD
1,2,3
02
2
mA
Signal-to-noise and
distortion ratio
S/(N+D)
fIN = 1 MHz; fS = 5 MHz
1,2,3
01,02
62
dB
Total harmonic distortion
THD
fIN = 1 MHz; fS = 5 MHz
1,2,3
01,02
-63
dB
Logic input high voltage
VIH
1,2,3
01,02
2.0
V
Logic input low voltage
VIL
1,2,3
01,02
0.8
V
Logic input high current
(CLK)
01
±10
Logic input high current
(OEN, CLK)
IIH
1,2,3
02
±10
µA
See footnotes at end of table.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com