Electronic Components Datasheet Search
  English  ▼

X  

IX9908 Datasheet(PDF) 3 Page - IXYS Corporation

Part # IX9908
Description  High Voltage, Dimmable LED Driver with PFC Control
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

IX9908 Datasheet(HTML) 3 Page - IXYS Corporation

  IX9908 Datasheet HTML 1Page - IXYS Corporation IX9908 Datasheet HTML 2Page - IXYS Corporation IX9908 Datasheet HTML 3Page - IXYS Corporation IX9908 Datasheet HTML 4Page - IXYS Corporation IX9908 Datasheet HTML 5Page - IXYS Corporation IX9908 Datasheet HTML 6Page - IXYS Corporation IX9908 Datasheet HTML 7Page - IXYS Corporation IX9908 Datasheet HTML 8Page - IXYS Corporation IX9908 Datasheet HTML 9Page - IXYS Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
INTEGRATED CIRCUITS DIVISION
IX9908
R01
www.ixysic.com
3
1. Specifications
1.1 Package Pinout
1.2 Absolute Maximum Ratings
Absolute maximum electrical ratings are at 25°C.
Absolute maximum ratings are stress ratings.
Stresses in excess of these ratings can cause
permanent damage to the device. Functional
operation of the device at conditions beyond those
indicated in the operational sections of this data sheet
is not implied.
1.3 Pin Description
1.4 Recommended Operating Range
Note: Within the operating range the IC operates as
described in the functional description.
Parameter
Symbol
Ratings
Unit
HV Voltage
VHV
600
V
VCC Supply Voltage
VCC
-0.3 to 40
V
VR Voltage
VVR
-0.3 to 5
V
ZCV Voltage
VZC
-0.3 to 5
V
CS Voltage
VCS
-0.3 to 5
V
GD Voltage
VOUT
-0.3 to 40
V
Maximum Current from ZCV Pin
IZCmax
3mA
Junction Temperature
TJ
- 40 to +125
°C
Storage Temperature
TSTG - 55 to +150 °C
Thermal Resistance
Junction to Ambient
JA
125
°C/W
ZCV
VR
CS
GD
GND
V
CC
NC
HV
1
2
3
4
8
7
6
5
Pin#
Name
Description
1ZCV
Zero Crossing
2
VR
Voltage Sense
3
CS
Current Sense
4
GD
Gate Drive Output
5
HV
High Voltage Input
6
NC
Not Connected
7
VCC
Controller Power Supply
8
GND
Controller Ground
Parameter
Symbol
Limit Values
Unit
Min
Max
VCC Supply Voltage
VCC
10.5
18
V
Junction Temperature
TJ
- 25
+ 125
°C



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com