Electronic Components Datasheet Search
  English  ▼

X  

IX9908 Datasheet(PDF) 6 Page - IXYS Corporation

Part # IX9908
Description  High Voltage, Dimmable LED Driver with PFC Control
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

IX9908 Datasheet(HTML) 6 Page - IXYS Corporation

Back Button IX9908 Datasheet HTML 2Page - IXYS Corporation IX9908 Datasheet HTML 3Page - IXYS Corporation IX9908 Datasheet HTML 4Page - IXYS Corporation IX9908 Datasheet HTML 5Page - IXYS Corporation IX9908 Datasheet HTML 6Page - IXYS Corporation IX9908 Datasheet HTML 7Page - IXYS Corporation IX9908 Datasheet HTML 8Page - IXYS Corporation IX9908 Datasheet HTML 9Page - IXYS Corporation IX9908 Datasheet HTML 10Page - IXYS Corporation  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
INTEGRATED CIRCUITS DIVISION
IX9908
6
www.ixysic.com
R01
2. Functional Description
Figure 1. IX9908 Block Diagram
2.1 Internal Supply Voltage During Start-Up
The IX9908 integrates a high voltage startup cell. This
cell provides a constant current to charge the VCC
capacitor (CVCC) during the Power-up phase of
operation. Once the main input voltage is applied, a
rectified voltage will be across CIN.
Figure 2. Start-Up
The start-up cell will sense this voltage, and source a
constant current of approximately 10 mA to CVCC. This
current will remain until VCC reaches VVCC_on or 18V
nominal. It will then be switched off, and a soft start
sequence will begin. VCC will then sag as the CVCC
capacitor supplies current to power the device, and is
not yet receiving energy from the auxiliary winding.
Once the output voltage is high enough the auxiliary
winding will provide energy to CVCC and the VCC
voltage will reach a constant value. This value
depends on the output load and transformer
characteristics.
Ringing
Suppress
Blanking
Reference Voltage
Generator
Vcc Monitor
Over - Under
Voltage Lockout
High Voltage
Startup
Gate
Control
Control
Logic
Soft-Start
Control
Analog
Mux
LPF
Leading
Edge
Blanking
PFC
Leading
Edge
Blanking
Foldback
Sense Amp
Foldback
Correction
Over-Temp
Sensor
Leading
Edge
Blanking
ZCV
VR
CS
GND
GD
HV
Vcc
Vcc
Over-Voltage Protection
Shorted Winding Detection
V
VCC_on
V
VCC_off
t
startup
tstartup =
VCC_on • CVCC
ICC_CHARGE



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com