Electronic Components Datasheet Search
  English  ▼

X  

IX9908 Datasheet(PDF) 4 Page - IXYS Corporation

Part # IX9908
Description  High Voltage, Dimmable LED Driver with PFC Control
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

IX9908 Datasheet(HTML) 4 Page - IXYS Corporation

  IX9908 Datasheet HTML 1Page - IXYS Corporation IX9908 Datasheet HTML 2Page - IXYS Corporation IX9908 Datasheet HTML 3Page - IXYS Corporation IX9908 Datasheet HTML 4Page - IXYS Corporation IX9908 Datasheet HTML 5Page - IXYS Corporation IX9908 Datasheet HTML 6Page - IXYS Corporation IX9908 Datasheet HTML 7Page - IXYS Corporation IX9908 Datasheet HTML 8Page - IXYS Corporation IX9908 Datasheet HTML 9Page - IXYS Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
INTEGRATED CIRCUITS DIVISION
IX9908
4
www.ixysic.com
R01
1.5 Electrical Characteristics
TJ = - 25°C to +125°
1.5.1 Power Supply
Note: The electrical characterization involves the spread of values within the specified supply voltage and junction
temperature range TJ from - 25°C to +125°C. Typical values represent the median values, which are related to 25°C.
If not otherwise stated, a supply voltage of VCC=18V is assumed.
1.5.2 Internal Voltage Reference
1.5.3 PWM Section
1.5.4 Current Sense
1.5.5 Soft Start
Parameter
Conditions
Symbol
Minimum
Typical
Maximum
Unit
VCC Charge Current
VCC=0V
ICCcharge1
--
35
mA
VCC=VCCon -0.2V
ICCcharge2
--
35
Maximum Input Current of Startup Cell
VCC=VCCon -0.2V
IHV
--
35
mA
Leakage Current of Startup Cell
VHV=610V @ TJ=100°C
IHV
-0.2
50
A
Supply Current in Normal Operation
GD Low
ICCNM
-1.8
2.9
mA
VCC Turn-On Threshold
-
VCCon
17
18
19
V
VCC Turn-Off Threshold
-
VCCoff
9.8
10.5
11.2
V
VCC Turn-On/Off Hysteresis
-
VCChys
-7.5
-
V
Parameter
Conditions
Symbol
Minimum
Typical
Maximum
Unit
Internal Reference Voltage
Measured at VR Pin, IVR=0
VVR
4.8
5
5.2
V
Parameter
Conditions
Symbol
Minimum
Typical
Maximum
Unit
VR Pull-Up Resistor
-
RVR
14
23
33
k
PWM-OP Gain
-
GPWM
2.95
3
3.05
-
Offset for Voltage Ramp
-
VPWM
0.63
0.7
0.77
V
Maximum On-Time in Normal Operation
-
tonMax
22
30
41
s
Parameter
Conditions
Symbol
Minimum
Typical
Maximum
Unit
Current Sense Threshold
-
VCSTH
0.97
1.03
1.09
V
Leading Edge Blanking Time
-
tBLKCS
200
330
460
ns
Parameter
Conditions
Symbol
Minimum
Typical
Maximum
Unit
Soft-Start Time
-
tSS
8.5
12
-
ms
Soft-Start Time Step
-
tSS-S
-3
-
ms
Internal Regulation Voltage at First Step
-
VSS1
-1.76
-
V
Internal Regulation Voltage Step at Soft Start
-
VSS-S
-0.56
-
V



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com